HLMP-AD01-R0TYY
AI

## Technical Overview of HLMP-AD01-R0TYY
The **HLMP-AD01-R0TYY** is a precision optical performance AlInGaP (Aluminum Indium Gallium Phosphide) LED manufactured by Broadcom (formerly Avago Technologies). It is specifically designed for high-brightness applications and outdoor visibility.
---
### 1. Key Electronic Specifications
These specifications define the electrical and optical boundaries for the component:
| Parameter | Specification | Units |
| :--- | :--- | :--- |
| **Color** | Red | - |
| **Dominant Wavelength** | 630 nm | nm |
| **Luminous Intensity (Min/Max)** | 1150 / 2400 | mcd |
| **Forward Voltage ($V_f$)** | 1.8 - 2.4 | V |
| **Forward Current ($I_f$)** | 20 | mA |
| **Viewing Angle** | 30° | Degrees |
| **Lens Shape** | Oval / T-1 ¾ (5mm) | - |
---
### 2. Physical & Material Composition
The "electronic" nature of this part is rooted in its material science:
* **Substrate Material:** **AlInGaP II**. This material provides high luminous efficiency and excellent reliability across temperature fluctuations compared to older GaAsP technologies.
* **Encapsulation:** The LED is housed in an epoxy resin that is typically tinted and diffused (or clear) to optimize the radiation pattern.
* **Lead Frame:** Standard T-1 ¾ package with long leads for through-hole PCB mounting.
---
### 3. Part Number Breakdown
The suffix **R0TYY** provides specific binning information:
1. **HLMP-AD01:** The base series (5mm Red Oval LED).
2. **R:** Intensity Bin (Minimum intensity threshold).
3. **0:** Maximum intensity bin (No upper limit specified beyond standard range).
4. **T:** Color Bin (Specifies the specific red wavelength range).
5. **YY:** Packaging code (Typically refers to bulk or specific tape-and-reel options).
---
### 4. Circuit Implementation
When integrating the HLMP-AD01-R0TYY into a circuit, a current-limiting resistor is required to prevent thermal runaway.
**Example Calculation:**
To run the LED at $20\text{mA}$ from a $5\text{V}$ DC source:
```text
R = (V_source - V_f) / I_f
R = (5V - 2.0V) / 0.020A
R = 150 Ohms
```
---
### 5. Common Applications
* **Variable Message Signs (VMS):** Traffic signals and commercial displays.
* **Outdoor Advertising:** Large-scale LED billboards.
* **Passenger Information Signs:** Bus and train station arrival/departure boards.
* **Solar Powered Signage:** High efficiency allows for lower power consumption.
---
- ⤷
What are the thermal management requirements for this LED in outdoor environments?
- ⤷ Does this specific part number support PWM dimming for brightness control?
- ⤷ What are the specific storage requirements to prevent moisture sensitivity issues?