Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • HM-5W-R

  • AI
    ## HM-5W-R: Component Overview The **HM-5W-R** is a specific model of a **Miniature Signal Relay** typically manufactured by companies like **Hongfa** (though the naming convention is common among several relay manufacturers). It is designed for low-power switching applications, often found in telecommunications and signal processing. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Relay Type** | Electromechanical Signal Relay | | **Contact Form** | 2 Form C (DPDT - Double Pole Double Throw) | | **Nominal Coil Voltage** | 5V DC | | **Max Switching Voltage** | 125VAC / 60VDC | | **Max Switching Current** | 1A | | **Coil Power Consumption** | Approx. 150mW to 200mW (Sensitive type) | | **Terminal Type** | PCB Through-hole | --- ### 2. Internal Electronic Structure The HM-5W-R consists of several critical internal parts: 1. **Electromagnetic Coil:** A coil of fine copper wire wrapped around a core. When 5V DC is applied, it creates a magnetic field. 2. **Armature:** A moving metal component attracted by the magnetic field of the coil. 3. **Contacts:** Usually made of **Gold-clad Silver (Ag+Au)**. The gold plating ensures high conductivity and prevents oxidation, which is vital for switching low-level signals. 4. **Return Spring:** Returns the armature to its original position once power is removed from the coil. --- ### 3. Pinout Configuration (DPDT) As a **2 Form C** relay, it has 8 pins generally arranged as follows: * **Coil Pins (2):** Connect to the 5V power source. * **Common (COM) Pins (2):** The moving part of the switch. * **Normally Closed (NC) Pins (2):** Connected to COM when the relay is OFF. * **Normally Open (NO) Pins (2):** Connected to COM when the relay is ON. --- ### 4. Common Applications * **Telecommunications:** Switching telephone lines or data signals. * **Audio Equipment:** Signal routing in mixers or amplifiers (due to low noise). * **Test and Measurement:** Switching between different sensors or probes. * **Security Systems:** Controlling low-voltage alarm triggers. --- ### 5. Implementation Example (Schematic Logic) ```cpp // Basic logic for driving an HM-5W-R via a Transistor [MCU Pin] ---> [Resistor] ---> [Base of NPN Transistor] | [Collector] <--- [Relay Coil Pin 1] | [Relay Coil Pin 2] ---> [5V VCC] // Note: A Flyback Diode (e.g., 1N4148) must be placed in parallel // with the coil to protect against inductive spikes. ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R' suffix in the HM-5W-R part number?
    • ⤷ Can this relay be driven directly from an Arduino pin without a transistor?
    • ⤷ What are the environmental sealing ratings for this specific relay?