Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • HM74-R47

  • AI
    The **HM74-R47** is a high-power, surface-mount (SMD) inductor specifically designed for high-frequency DC-DC converter applications. It is part of the HM74 series manufactured by TT Electronics (BI Technologies). --- ### 1. General Specifications The part number "R47" denotes the inductance value. Below are the primary technical characteristics: | Property | Value / Specification | | :--- | :--- | | **Inductance** | 0.47 µH | | **Inductance Tolerance** | ±20% | | **Current Rating (Irms)** | ~17.5 A to 26 A (Size dependent) | | **DC Resistance (DCR)** | Extremely Low (typically < 2.0 mΩ) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | Surface Mount (SMD) | --- ### 2. Key Features * **High Current Capability:** Designed to handle high saturation currents without a significant drop in inductance. * **Low Core Loss:** Utilizes advanced magnetic powder cores (often iron powder or composite) to ensure efficiency at high switching frequencies. * **Shielded Construction:** The molded design provides magnetic shielding, which minimizes Electromagnetic Interference (EMI) with surrounding components. * **Robustness:** High resistance to mechanical shock and vibration, making it suitable for automotive and industrial environments. --- ### 3. Applications The HM74-R47 is typically used in power management circuits where high efficiency and compact size are critical: 1. **Voltage Regulator Modules (VRMs):** Found on motherboards and server power supplies. 2. **DC/DC Converters:** Used in "Buck" (step-down) converters to smooth out current ripples. 3. **Automotive Electronics:** Powering infotainment systems, sensors, and ECU modules. 4. **Telecom Infrastructure:** High-current distributed power systems. --- ### 4. Technical Nuance: Inductance vs. Current Because this is a **power inductor**, its performance is defined by two current limits: * **Isat (Saturation Current):** The current level where the inductance drops by a specified percentage (usually 20% or 30%). * **Irms (Heating Current):** The continuous current that causes the component's temperature to rise by a specific amount (usually 40°C).
    ✨ Follow-up Questions
    • ⤷ What are the mechanical dimensions of the HM74 series?
    • ⤷ How does the HM74 differ from the HM72 series?
    • ⤷ Can this inductor be used in high-temperature automotive grade applications?