Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • IA0307-R15MA

  • AI
    The **IA0307-R15MA** is a specific surface-mount (SMD) power inductor commonly used in high-frequency power conversion and filtering applications. It belongs to the category of magnetic components designed for high-current handling with low energy loss. ### 1. Technical Specifications The part number follows a standard convention for power inductors. Below is a breakdown of its primary characteristics: | Parameter | Typical Specification | | :--- | :--- | | **Inductance** | 0.15 µH (represented by "R15") | | **Tolerance** | ±20% (represented by "M") | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Material Core** | Carbonyl Powder / Molded Metal | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Physical Characteristics The "0307" in the part number generally refers to the physical dimensions of the component. * **Dimensions:** Approximately 3.0mm x 3.0mm with a height of roughly 0.7mm to 1.0mm (varying by manufacturer). * **Construction:** These are usually "molded" inductors, where the coil is encapsulated in a metallic powder composite. This design provides excellent electromagnetic interference (EMI) shielding. --- ### 3. Key Electronic Features * **High Saturation Current:** Because it uses a metal powder core, it can handle high peak currents without the inductance dropping off sharply (soft saturation). * **Low DCR (DC Resistance):** It is designed to minimize power loss as heat, making it efficient for battery-powered devices. * **Low Profile:** The "0307" series is favored in slim electronics like smartphones and tablets. --- ### 4. Common Applications This specific inductor is typically found in: 1. **DC-DC Converters:** Voltage regulation modules (VRMs) for CPUs and GPUs. 2. **Point of Load (POL) Converters:** Used to step down voltage near the integrated circuits they power. 3. **Smartphones and Wearables:** Due to its small footprint and high efficiency. 4. **High-speed Storage:** SSD power management circuits. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the IA0307-R15MA?
    • ⤷ How does the molded construction compare to wire-wound inductors?
    • ⤷ Are there alternative part numbers with the same footprint but higher inductance?