Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • IA0405-R10KA

  • AI
    The **IA0405-R10KA** is a high-performance **Shielded Power Inductor**, commonly used in automotive and industrial electronics. These components are designed to store energy in a magnetic field and are critical for voltage regulation and noise filtering. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical properties. Below are the typical specifications for this component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.10 µH (Microhenries) | | **Tolerance** | ±20% (Standard) | | **DCR (Direct Current Resistance)** | Extremely Low (typically < 1.0 mΩ) | | **Saturation Current ($I_{sat}$)** | High (often 50A - 70A range) | | **Shielding** | Magnetic Shielded (Low EMI) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ## 2. Key Electronic Features ### A. Magnetic Shielding The "Shielded" construction means the inductor is encased in a magnetic material (like iron powder or ferrite). This prevents magnetic flux from leaking out, which: * Reduces **Electromagnetic Interference (EMI)** with nearby components. * Protects the inductor from external magnetic fields. ### B. High Saturation Current The "R10" indicates a very low inductance (0.10µH). Low inductance parts are typically engineered to handle massive amounts of current without the magnetic core "saturating." When a core saturates, it loses its ability to function as an inductor, which can lead to circuit failure. ### C. Low DCR (DC Resistance) Because this part is often used in high-current paths, it is designed with flat wire or thick copper windings to minimize resistance. Lower resistance leads to higher efficiency and less heat generation. --- ## 3. Common Applications The IA0405-R10KA is primarily found in high-frequency power conversion circuits: 1. **Voltage Regulator Modules (VRMs):** Found in servers and high-end PCs to provide stable power to CPUs/GPUs. 2. **DC-DC Converters:** Used in automotive "Point of Load" (POL) power supplies. 3. **High-Current Power Supplies:** Used in telecommunications equipment. 4. **Inverters:** Essential for converting battery power to usable electronic voltages. --- ## 4. Physical Construction * **Core Material:** Usually a composite metal powder (Iron-based) which offers high energy storage density. * **Termination:** Lead-free (RoHS compliant) solder pads designed for reflow soldering. * **Footprint:** The "0405" prefix often refers to the physical dimensions (e.g., 4mm x 5mm, though this varies by manufacturer brand).
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the IA0405-R10KA?
    • ⤷ How does the 'R10' designation affect the ripple current in a buck converter?
    • ⤷ What is the thermal operating range for this specific inductor?