Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • IA0405-R15KA

  • AI
    The **IA0405-R15KA** is a specific type of **Miniature Inductor** (often referred to as a chip inductor or power inductor). These components are essential in managing current flow and filtering noise within compact electronic circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The part number follows a standard industry naming convention where the dimensions and the inductance value are encoded. | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Fixed Inductor | Passive component that stores energy in a magnetic field. | | **Inductance Value** | 0.15 µH | Represented by "R15" (R acts as a decimal). | | **Tolerance** | ±10% | Represented by "K" (Standard tolerance for power inductors). | | **Package Size** | 0405 | Approximately 4.0mm x 5.0mm footprint. | | **Mounting Type** | Surface Mount (SMD) | Designed for automated PCB assembly. | --- ### 2. Key Electronic Parameters To understand how this part functions in a circuit, consider these three critical electrical factors: * **DC Resistance (DCR):** This is the internal resistance of the wire used to wind the inductor. Lower DCR is preferred to minimize heat loss and improve efficiency. * **Saturation Current ($I_{sat}$):** The maximum current level where the inductance drops by a specific percentage (usually 20-30%). Exceeding this causes the inductor to lose its properties. * **Self-Resonant Frequency (SRF):** The frequency at which the component's parasitic capacitance cancels out its inductance. The part should be operated well below this frequency. --- ### 3. Common Applications Due to its small size and 0.15µH rating, this part is typically used in high-frequency power conversion: 1. **DC-DC Converters:** Used as an output filter to smooth out voltage ripples in buck or boost regulators. 2. **Noise Suppression:** Acting as a low-pass filter to block high-frequency electromagnetic interference (EMI). 3. **Mobile Electronics:** Found in smartphones, tablets, and wearable tech where board space is extremely limited. --- ### 4. Structure and Composition ```mermaid graph TD A[IA0405-R15KA] --> B[Magnetic Core] A --> C[Copper Winding] A --> D[Terminations] B --> B1[Ferrite or Composite Powder] C --> C1[Enameled Copper Wire] D --> D1[Tin-Plated Lead-Free] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the IA0405-R15KA?
    • ⤷ Can I substitute an R15KA inductor with an R15MA version?
    • ⤷ How does the '0405' package size affect heat dissipation compared to larger inductors?