Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • IA0405-R68MR

  • AI
    The **IA0405-R68MR** is a surface-mount (SMD) power inductor commonly used in automotive and industrial electronics. This specific part belongs to a class of high-current, shielded inductors designed for high-density power applications. --- ## 1. Part Number Breakdown The part number follows a standard industry naming convention for power inductors: | Component Code | Description | | :--- | :--- | | **IA** | Series/Manufacturer Identifier (typically indicates high-current molded series) | | **0405** | Case Size (Approx. 4.0mm x 4.0mm or 5.0mm footprint) | | **R68** | Inductance Value: **0.68 µH** (Microhenries) | | **M** | Tolerance: **±20%** | | **R** | Packaging: Typically refers to **Tape & Reel** | --- ## 2. Technical Specifications While specific datasheets may vary slightly by manufacturer (e.g., IHLP equivalents), the general characteristics for an R68 0405 inductor include: ### Electrical Properties * **Inductance:** 0.68 µH * **DC Resistance (DCR):** Low (typically < 10-15 mΩ) to minimize power loss. * **Saturation Current (Isat):** The point where inductance drops by a specific percentage. Usually ranges from **6A to 12A** for this size. * **Heat Rating Current (Irms):** The current that causes a 40°C temperature rise. ### Physical Properties * **Shielding:** Shielded construction (Molded) to reduce Electromagnetic Interference (EMI). * **Material:** Often uses a carbonyl iron powder core which handles high saturation without thermal runaway. --- ## 3. Key Applications This component is primarily used in **DC-DC Converters** and **Voltage Regulator Modules (VRMs)**. * **Automotive:** Infotainment systems, LED lighting drivers, and Advanced Driver Assistance Systems (ADAS). * **Computing:** Power supplies for high-speed microprocessors. * **Portable Electronics:** Battery-powered devices requiring compact high-efficiency power stages. --- ## 4. Advantages 1. **Low Profile:** The "0405" size is extremely compact for PCB height constraints. 2. **High Frequency:** Designed to perform well in switching frequencies up to 5MHz. 3. **Stability:** Handles high transient current spikes without saturating, which protects the rest of the circuit. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the IA0405-R68MR?
    • ⤷ How does the 'M' tolerance impact the performance of a DC-DC converter?
    • ⤷ What is the typical operating temperature range for this specific inductor series?