ICPL0500SMT-R
AI

### ICPL0500SMT-R: High-Speed Optocoupler Overview
The **ICPL0500SMT-R** is a high-speed optocoupler (optically coupled isolator) designed for logic interface and data communication. It utilizes an AlGaAs LED and an integrated high-speed photodetector to provide electrical isolation between input and output circuits.
---
### 1. Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Package Type** | SO-8 (Small Outline, Surface Mount) |
| **Data Rate** | Up to 1 Mbps |
| **Isolation Voltage** | 3750 Vrms (Standard) |
| **Output Type** | Open Collector |
| **Common Mode Rejection** | 10 kV/µs (Typical) |
| **Temperature Range** | -55°C to +100°C |
---
### 2. Internal Components & Pinout
The device consists of two primary sections inside the 8-pin package:
1. **Input Side:** An Infrared Emitting Diode (LED). When current flows through the LED, it emits light.
2. **Output Side:** A photodetector integrated with a high-gain amplifier and an open-collector transistor.
#### Pin Configuration (SO-8)
| Pin # | Function | Description |
| :--- | :--- | :--- |
| 2 | Anode | LED Input (+) |
| 3 | Cathode | LED Input (-) |
| 5 | GND | Output Ground |
| 6 | V_out | Output Signal (Open Collector) |
| 8 | V_cc | Supply Voltage (Output Side) |
*Note: Pins 1, 4, and 7 are typically No Connection (NC).*
---
### 3. Key Electronic Characteristics
* **Open Collector Output:** Since the output is an open collector, an external **pull-up resistor** is required between Pin 6 (Vout) and the supply voltage to define the "High" logic state.
* **Propagation Delay:** It features a short propagation delay (typically around 0.5µs to 1.0µs), making it suitable for TTL/LSTTL and CMOS logic interfacing.
* **Isolation:** The primary purpose is to protect sensitive low-voltage microcontrollers from high-voltage transients or ground loops in industrial environments.
---
### 4. Common Applications
The ICPL0500SMT-R is frequently found in the following circuits:
* **Line Receivers:** For transmitting data over long cables.
* **Switching Power Supplies:** Feedback loops requiring high isolation.
* **Industrial Controls:** Interfacing PLCs with actuators or sensors.
* **Motor Drives:** Isolating gate drive signals.
---
- ⤷
What is the recommended value for the pull-up resistor on the Vout pin?
- ⤷ How does the ICPL0500 compare to the 6N135/6N136 series?
- ⤷ What is the maximum supply voltage (Vcc) supported by this device?