Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • IDT7132LA55PB

  • AI
    ## IDT7132LA55PB Overview The **IDT7132LA55PB** is a high-performance **2K x 8 Dual-Port Static RAM (SRAM)**. It is designed to allow two independent systems (or processors) to access a shared memory space simultaneously without the need for complex wait-state logic. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Capacity** | 16 Kbit (2,048 words x 8 bits) | | **Access Time** | 55 ns | | **Supply Voltage** | 5.0V ± 10% | | **Power Consumption** | Low Power ("LA" version) | | **Package Type** | 48-pin Plastic DIP (P) / Sidebraze (B) | | **Temperature Range** | Commercial (0°C to +70°C) or Industrial (-40°C to +85°C) | --- ### 2. Functional Electronic Components The architecture of the IDT7132 consists of several critical internal blocks that manage data flow and prevent collisions: #### A. Dual-Port Memory Array Unlike standard SRAM, which has one set of address and data lines, this chip features two sets of fully independent control, address, and I/O pins. This allows the **Left Port** and **Right Port** to read or write to any location in the memory simultaneously. #### B. Arbitration Logic (Busy Logic) To prevent data corruption when both ports attempt to write to the same memory location at the exact same time, the chip includes **BUSY** flags. * If both ports try to access the same address, the internal arbitration logic decides which port gets priority. * The "losing" port receives a `LOW` signal on its `BUSY` pin, signaling the processor to wait. #### C. Control Signals Each port (Left and Right) utilizes the following standard signals: * **Address (A0 - A10):** Defines the 2048 memory locations. * **Data (DQ0 - DQ7):** The 8-bit bidirectional data bus. * **Chip Enable (CE):** Activates the specific port. * **Read/Write (R/W):** Determines the direction of data flow. * **Output Enable (OE):** Manages the output drivers. --- ### 3. Part Number Decoder (IDT7132LA55PB) Understanding the suffix helps identify the specific electronic characteristics: * **IDT7132:** The base model (2K x 8 Dual-Port SRAM). * **LA:** Low Power consumption variant (better for battery-backed or heat-sensitive applications). * **55:** Speed grade, representing a **55ns** access time. * **P:** Plastic DIP package. * **B:** Often denotes a specific revision or military/industrial grade processing depending on the manufacturer's vintage datasheet. --- ### 4. Typical Applications * **Inter-processor communication:** Connecting a CPU to a DSP (Digital Signal Processor). * **Dual-bus systems:** Bridging a local bus to a system bus (e.g., PCI or VME). * **Data Buffering:** High-speed FIFO-like buffering between two asynchronous systems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the IDT7132 (Master) and the IDT7142 (Slave) versions?
    • ⤷ How does the 'Busy Logic' prevent data contention during simultaneous writes?
    • ⤷ Are there modern CMOS replacements for this legacy 55ns SRAM?