Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • INMP521ACEZ-R0

  • AI
    ## Overview of the INMP521ACEZ-R0 The **INMP521ACEZ-R0** is a high-performance, ultra-low noise, low power, digital output **MEMS microphone**. It is designed specifically for applications where space is limited and high audio fidelity is required, such as in mobile devices, wearables, and IoT sensors. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Microphone Type** | MEMS (Micro-Electro-Mechanical Systems) | | **Output Type** | Digital (I²S Interface) | | **Sensitivity** | -26 dBFS | | **Signal-to-Noise Ratio (SNR)** | 65 dBA | | **Frequency Response** | 100 Hz to 16 kHz | | **Supply Voltage (VDD)** | 1.62V to 3.3V | | **Current Consumption** | 800 µA (Typical) | | **Package Type** | LGA (Surface Mount) | --- ### 2. Functional Components The INMP521 integrates several electronic stages within its tiny LGA package: 1. **MEMS Sensor Element:** A microscopic diaphragm etched into silicon that converts sound pressure waves into electrical capacitance changes. 2. **Analog-to-Digital Converter (ADC):** A high-performance Sigma-Delta ADC that converts the analog voltage from the MEMS element into a digital stream. 3. **Digital Interface (I²S):** This allows the microphone to communicate directly with digital processors (DSPs, Microcontrollers) without the need for an external codec. 4. **Power Management:** Internal circuitry that ensures low power consumption, including a "Sleep Mode" for battery-powered efficiency. --- ### 3. Pin Configuration and Integration The device typically utilizes a bottom-port configuration (the sound enters through a hole in the PCB). * **SCK (Serial Data Clock):** Input for the I²S bit clock. * **SD (Serial Data):** Output for the digital audio data. * **WS (Word Select):** Also known as Left/Right clock; determines which channel the microphone outputs on. * **VDD/GND:** Power supply pins (Requires decoupling capacitors for noise rejection). * **CONFIG:** Pin used to set the I²S data format or channel selection. --- ### 4. Applications * **Smartphones and Tablets:** Due to the small footprint and high SNR. * **Wearable Electronics:** Ideal for smartwatches where power efficiency is critical. * **Voice Activation:** Used in "always-on" voice trigger systems. * **Teleconferencing:** High-quality audio pickup for clear communication. --- ### 5. Implementation Considerations ```c // Pseudo-code for initializing an I2S peripheral for INMP521 void init_i2s_microphone() { i2s_config_t i2s_config = { .mode = I2S_MODE_MASTER | I2S_MODE_RX, // Microphone is a slave/provider .sample_rate = 44100, .bits_per_sample = I2S_BITS_PER_SAMPLE_24BIT, .channel_format = I2S_CHANNEL_FMT_ONLY_LEFT, .communication_format = I2S_COMM_FORMAT_I2S, .dma_buf_count = 8, .dma_buf_len = 64, .use_apll = false }; i2s_driver_install(I2S_NUM_0, &i2s_config, 0, NULL); } ```
    ✨ Follow-up Questions
    • ⤷What are the differences between PDM and I2S output MEMS microphones?
    • ⤷ How do I calculate the acoustic port size for a bottom-port MEMS microphone?
    • ⤷ Can the INMP521ACEZ-R0 be used in a stereo configuration?