Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • INTERNETOFFICE700

  • AI
    The **Tripp Lite INTERNETOFFICE700** (Internet Office 700VA UPS) is a Standby Uninterruptible Power Supply. Its internal electronic architecture is designed to provide surge suppression and battery backup for home office equipment. --- ### Key Electronic Components The device consists of several critical subsystems that manage power flow, battery charging, and signal protection. | Component | Function | Description | | :--- | :--- | :--- | | **Lead-Acid Battery** | Energy Storage | Typically a 12V 7Ah or 9Ah Sealed Lead Acid (SLA) battery providing DC power. | | **Inverter** | DC-AC Conversion | Converts the 12V DC from the battery into 120V AC (PWM Sine Wave) during power failure. | | **Transformer** | Voltage Stepping | Steps up the low battery voltage to line level; also provides isolation. | | **Automatic Voltage Regulation (AVR)** | Stabilization | Uses internal taps to adjust minor fluctuations (brownouts/overvoltages) without using battery power. | | **MOV (Metal Oxide Varistor)** | Surge Protection | Absorbs high-voltage spikes caused by lightning or grid switching to protect connected loads. | | **Transfer Switch** | Path Selection | A high-speed relay that switches from Utility Power to Battery Power in <4-8 milliseconds. | --- ### Technical Specifications Breakdown The electronic limits of the INTERNETOFFICE700 are defined by its capacity and protection ratings: * **Wattage Capacity:** 450 Watts / 700 VA. * **Input/Output Voltage:** 120V AC, 60Hz. * **Waveform Type:** PWM (Pulse Width Modulated) Sine Wave (often called Simulated/Modified Sine Wave). * **Joule Rating:** Usually rated around 420 Joules for surge suppression. * **Protection Ports:** Includes RJ11 jacks for protecting phone/DSL lines from surges. --- ### Communication & Monitoring The UPS features specialized circuitry to communicate with a computer system to ensure an orderly shutdown. ```python # Conceptual logic of the UPS Microcontroller if grid_voltage < 90 or grid_voltage > 140: switch_to_battery(True) activate_inverter() emit_alarm_tone() elif battery_level < 10: send_shutdown_signal_via_usb() else: charge_battery() pass_through_utility_power() ``` --- ### Indicators and Controls 1. **Status LEDs:** Indicate "On Line," "On Battery," "Overload," and "Replace Battery." 2. **Circuit Breaker:** A resettable thermal switch that protects the internal electronics from excessive current draw (overload). 3. **USB/Serial Port:** The electronic interface that allows Tripp Lite's *PowerAlert* software to monitor battery health.
    ✨ Follow-up Questions
    • ⤷How do I replace the internal battery in the INTERNETOFFICE700?
    • ⤷ What is the difference between Standby and Line-Interactive UPS electronics?
    • ⤷ Why does the 'Replace Battery' LED stay on after a new battery is installed?