IP1000ALF-DS-R07
AI

The **IP1000ALF-DS-R07** is a specialized integrated circuit (IC) primarily used in networking hardware. It belongs to the **IC Plus Corp** family of Gigabit Ethernet solutions.
---
## 1. Core Functional Overview
The IP1000A is a single-chip **Gigabit Ethernet Controller** designed for high-speed data transmission. The "LF" suffix typically indicates a **Lead-Free (RoHS compliant)** version, and "DS" often refers to a specific package or revision (Die-Size/Data Sheet revision).
### Key Specifications
| Feature | Description |
| :--- | :--- |
| **Interface** | 32-bit PCI Interface (v2.2) |
| **Speed** | 10/100/1000 Mbps (Triple Speed) |
| **Physical Layer** | Integrated 10/100/1000 PHY |
| **Standards** | IEEE 802.3, 802.3u, 802.3ab compliant |
| **Voltage** | 3.3V I/O with 1.8V Core voltage |
| **Package** | 128-pin PQFP or similar small-footprint lead-frame |
---
## 2. Technical Architecture
The chip functions as a bridge between a computer's PCI bus and an Ethernet network. It handles the Medium Access Control (MAC) and Physical Layer (PHY) functions.
### Internal Components
1. **MAC Controller:** Handles framing, flow control (IEEE 802.3x), and error detection.
2. **Transceiver (PHY):** Manages the electrical signaling required to transmit data over copper cables (Cat5e/Cat6).
3. **FIFO Buffers:** Internal memory to manage data bursts and prevent packet loss during high-traffic periods.
4. **Power Management:** Supports ACPI and Wake-on-LAN (WoL) functionalities.
---
## 3. Pinout and Integration
Integrating this part requires specific peripheral components to ensure stability:
```c
// Example of required external components for IP1000A
Required_Parts {
Crystal: 25MHz (±50ppm);
EEPROM: 93C46 (Optional for storing MAC address);
Magnetics: 1000Base-T Transformer (e.g., Pulse H5007);
Voltage_Regulators: 3.3V and 1.8V LDOs;
}
```
### Application Circuitry
* **Termination:** Requires specific resistor networks for the differential pairs (MDI).
* **LED Indicators:** Provides pins for Link, Activity, and Speed status.
* **PCI Bus:** Direct connection to the host CPU/Northbridge via the 32-bit PCI slot pins.
---
## 4. Common Applications
* **Network Interface Cards (NICs):** Traditional PCI plug-in cards for desktop PCs.
* **Motherboards:** On-board LAN solutions for older industrial motherboards.
* **Embedded Systems:** Industrial PCs requiring reliable Gigabit connectivity over a legacy PCI bus.
- ⤷
What are the power consumption characteristics of the IP1000A during full load?
- ⤷ Is there a recommended replacement for the IP1000A in modern PCIe-based designs?
- ⤷ What specific EEPROM configuration is required for the IP1000A to initialize?