Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • IRF1405ZPBF..

  • AI
    ## IRF1405ZPBF: High Current Power MOSFET The **IRF1405ZPBF** is a high-performance, N-channel HEXFET® Power MOSFET manufactured by Infineon (formerly International Rectifier). It is specifically designed for applications requiring high efficiency and extreme power density. --- ### 1. Key Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | N-Channel | Standard logic/voltage controlled switch | | **Drain-to-Source Voltage ($V_{DSS}$)** | 40V | Maximum voltage across drain and source | | **Continuous Drain Current ($I_D$)** | 118A | Maximum current at $T_C = 25°C$ (Package limited) | | **On-Resistance ($R_{DS(on)}$)** | 4.9 mΩ | Very low resistance when fully "ON" | | **Gate Threshold Voltage ($V_{GS(th)}$)** | 2.0V - 4.0V | Voltage required to begin conduction | | **Package Type** | TO-220AB | Through-hole power package | | **Total Gate Charge ($Q_g$)** | 120 nC | Amount of charge needed to switch the gate | --- ### 2. Physical Structure and Pinout The device comes in a standard **TO-220** package, which allows for easy mounting to a heatsink. 1. **Gate (G):** Controls the "On/Off" state of the MOSFET. 2. **Drain (D):** Connected to the load (internally connected to the metal tab). 3. **Source (S):** Connected to the ground or negative side of the circuit. --- ### 3. Core Features * **Ultra-Low On-Resistance:** The 4.9 mΩ resistance minimizes power dissipation as heat, increasing overall system efficiency. * **Advanced Process Technology:** Utilizes trench technology to achieve high cell density. * **Fast Switching:** Optimized for high-frequency pulse width modulation (PWM). * **Lead-Free (PBF):** The "PBF" suffix indicates compliance with RoHS standards (Lead-Free). * **Fully Avalanche Rated:** Capable of handling high energy spikes from inductive loads without immediate failure. --- ### 4. Common Applications Because of its high current capability and low resistance, the IRF1405ZPBF is commonly used in: * **Electric Power Steering (EPS):** Due to high reliability. * **Battery Management Systems (BMS):** For high-current switching and protection. * **DC-DC Converters:** High-efficiency power conversion. * **Motor Control:** Driving brushed or brushless DC motors in robotics and automotive tools. * **Inverters:** Converting DC battery power to AC. --- ### 5. Design Considerations ```cpp // Example: Basic Logic Level Control Logic (Conceptual) // While the threshold is 2-4V, for minimum Rds(on), // a Gate drive of 10V is recommended. if (PWM_Signal == HIGH) { Gate_Voltage = 10; // Fully saturate the MOSFET } else { Gate_Voltage = 0; // Fully cut off } ``` * **Thermal Management:** Even with low resistance, at 100A, the heat generated is significant ($P = I^2 \times R$). A substantial heatsink is mandatory for high-current use. * **Gate Drive:** The high gate charge (120 nC) means you often need a dedicated **Gate Driver IC** rather than driving it directly from a microcontroller pin to ensure fast switching and prevent overheating.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the heat sink size for the IRF1405ZPBF at 50A?
    • ⤷ What is the difference between IRF1405 and IRF1405ZPBF?
    • ⤷ Can I drive this MOSFET directly from an Arduino or ESP32 pin?