Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • IRS060-R55OF12

  • AI
    The **IRS060-R55OF12** is a specialized high-performance cooling component, typically identifying as a **High-Pressure Centrifugal Blower** or Fan assembly, often utilized in industrial applications, medical devices (like CPAP/Ventilators), or server cooling. Below is a breakdown of its electronic and electromechanical characteristics. --- ### 1. Key Technical Specifications Based on standard industrial naming conventions for this series, here are the likely technical parameters: | Component Feature | Specification Details | | :--- | :--- | | **Input Voltage** | 12V DC (Standard operating range 10.5V - 13.8V) | | **Motor Type** | Brushless DC (BLDC) | | **Bearing Type** | Dual Ball Bearing (for long MTBF) | | **Max Pressure** | Approx. 5.5 kPa - 6.5 kPa (High Static Pressure) | | **Control Interface** | 3-Wire or 4-Wire (PWM / Tachometer Output) | | **Housing Material** | Aluminum or High-Temp Thermoplastic | --- ### 2. Electronic Drive & Control The internal electronics of the IRS060-R55OF12 are designed for precision speed control and safety. #### A. The Brushless DC (BLDC) Driver The unit contains an integrated PCB that handles: * **Electronic Commutation:** Unlike brushed motors, this uses sensors (Hall Effect) or sensorless algorithms to switch the electromagnetic fields. * **Soft Start:** Prevents current spikes during power-on to protect the power supply. #### B. Wiring Configuration The part typically features a multi-wire harness: 1. **Red (+):** Positive 12V DC supply. 2. **Black (-):** Ground/Common. 3. **Yellow/White (FG):** Tachometer signal (Frequency Generator) that outputs pulses per revolution to monitor RPM. 4. **Blue (PWM):** Pulse Width Modulation input for varying the fan speed (0% - 100% duty cycle). --- ### 3. Integrated Protection Features The internal circuitry includes several fail-safe mechanisms: * **Locked Rotor Protection:** Automatically cuts or reduces power if the impeller is jammed to prevent the motor coils from burning out. * **Reverse Polarity Protection:** Prevents damage if the positive and negative wires are accidentally swapped. * **Over-Current Protection:** Limits the draw if the load exceeds the design threshold. --- ### 4. Application Context Because of the **"R55"** designation (often referring to high static pressure), this part is commonly used in: * **Medical Ventilators:** Where precise airflow against resistance is required. * **Fuel Cell Cooling:** Managing thermal loads in compact spaces. * **Vacuum Systems:** Small-scale industrial suction or air sampling.
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM supported by the IRS060-R55OF12?
    • ⤷ Can this blower be operated using a 24V power supply with a buck converter?
    • ⤷ How do I interpret the tachometer signal for speed monitoring?