Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • IRS080-R53MF42

  • AI
    The **IRS080-R53MF42** is a specific infrared (IR) sensor module, typically categorized as a PIR (Passive Infrared) motion sensor or a specialized IR detection component used in automated electronics and security systems. Below is a breakdown of its electronic characteristics and functional components. --- ### 1. Technical Specifications The following table outlines the general technical parameters associated with this series of sensors: | Parameter | Specification | | :--- | :--- | | **Component Type** | Passive Infrared (PIR) Sensor / IR Receiver | | **Operating Voltage** | 3.3V - 5.0V DC (Typical) | | **Detection Range** | Up to 5–8 meters (Depending on lens) | | **Output Type** | Digital High/Low or Analog Pulse | | **Operating Temperature** | -20°C to +70°C | | **Focus Element** | Integrated Fresnel Lens compatible | --- ### 2. Key Electronic Components The "R53MF42" designation usually refers to the internal configuration of the sensor's sensing element and its housing. * **Pyroelectric Ceramic Element:** The "heart" of the part. It detects changes in infrared radiation. When a human body (emitting heat) moves across the sensor's field of view, the ceramic element generates a tiny electric charge. * **Internal FET (Field Effect Transistor):** Because the charge generated by the ceramic element is extremely high impedance and low current, an internal FET acts as an impedance converter/amplifier to make the signal readable by external circuits. * **Optical Filter (Window):** The top of the metal "can" contains a silicon-based window that filters out visible light, allowing only specific IR wavelengths (usually 7–14 microns) to pass through. --- ### 3. Pin Configuration and Implementation Most IRS-series sensors follow a standard three-pin layout: 1. **VDD (Power):** Connection to the positive supply. 2. **OUT (Signal):** The output pin that connects to a comparator or a Microcontroller (MCU) ADC pin. 3. **GND (Ground):** Common ground reference. #### Example Connection Logic ```cpp // Simple Arduino pseudocode for reading the IRS080 sensor int sensorPin = 2; // Connected to OUT int val = 0; void setup() { pinMode(sensorPin, INPUT); Serial.begin(9600); } void loop() { val = digitalRead(sensorPin); if (val == HIGH) { Serial.println("Motion Detected!"); } delay(100); } ``` --- ### 4. Common Applications * **Smart Lighting:** Automatically turning on LEDs when someone enters a room. * **Security Systems:** Triggering alarms based on thermal movement. * **Human-Machine Interface (HMI):** Waking up a display or tablet when a user approaches.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an analog and digital output for this PIR sensor?
    • ⤷ Does this part require a specific Fresnel lens for optimal detection?
    • ⤷ How do I reduce false triggers caused by environmental noise in this circuit?