IRS080-R55VF33
AI

The **IRS080-R55VF33** is a high-performance, integrated **Infrared (IR) Receiver Module** typically used for remote control systems. These components are designed to receive modulated infrared signals (usually 33kHz to 56kHz) and convert them into digital electrical signals that a microcontroller can interpret.
---
### 1. Technical Specifications
The part number suffix typically indicates the carrier frequency and internal configuration. Below is a breakdown of the technical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Carrier Frequency** | 33 kHz |
| **Operating Voltage** | 2.7V to 5.5V DC |
| **Supply Current** | ~0.5 mA to 1.5 mA |
| **Reception Distance** | 10 – 15 Meters (Typical) |
| **Output Type** | Active Low (Digital) |
| **Peak Wavelength** | 940 nm |
---
### 2. Internal Components
The IRS080-R55VF33 is not just a photodiode; it is an Integrated Circuit (IC) that contains several stages to ensure signal integrity:
1. **Photodiode:** Captures the IR light pulses.
2. **Preamplifier:** Boosts the weak electrical signal from the photodiode.
3. **Automatic Gain Control (AGC):** Adjusts sensitivity to filter out ambient light noise (like sunlight or fluorescent lamps).
4. **Band Pass Filter (BPF):** Specifically tuned to **33 kHz** to block other frequencies.
5. **Demodulator:** Removes the carrier wave and outputs the raw data bits.
---
### 3. Pin Configuration
The device usually follows a standard 3-pin layout (though physical orientation should be verified via the datasheet):
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| **1** | **OUT** | Data Output (Connects to MCU GPIO) |
| **2** | **GND** | Ground (0V) |
| **3** | **VCC** | Power Supply (Typically 3.3V or 5V) |
---
### 4. Circuit Implementation
To ensure stable operation, a simple RC filter is recommended for the power supply line to prevent noise interference.
```cpp
// Example: Arduino pseudocode for reading the signal
int irPin = 2; // Pin connected to OUT
void setup() {
pinMode(irPin, INPUT);
Serial.begin(9600);
}
void loop() {
int signal = digitalRead(irPin);
if (signal == LOW) {
// IR Pulse Detected
Serial.println("Signal Received");
}
}
```
---
### 5. Common Applications
* **Consumer Electronics:** TV, DVD players, and Air Conditioning units.
* **Home Automation:** IR-controlled lighting or smart blinds.
* **Industrial:** Remote safety shut-off triggers.
- ⤷
How do I calculate the specific resistor and capacitor values for the RC noise filter?
- ⤷ What is the difference between the 33kHz version and the 38kHz version of this module?
- ⤷ Can this module be used for high-speed data transfer instead of just remote control codes?