IRS080-R55WF03
AI

The **IRS080-R55WF03** is a high-resolution, high-performance infrared (IR) sensor module, typically utilized in gesture recognition, proximity sensing, and object detection systems. It is part of a specialized line of sensors often integrated into consumer electronics like smartphones, laptops, and IoT devices.
---
### 1. Key Technical Specifications
The following table outlines the core electronic and physical characteristics of the component:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Sensor Type** | Infrared (IR) Optical Sensor |
| **Resolution** | 80 x 80 Pixels (Sub-array capability) |
| **Communication Interface** | I2C (Inter-Integrated Circuit) |
| **Supply Voltage (Vcc)** | 1.8V to 3.3V |
| **Wavelength Sensitivity** | Near-Infrared (NIR) spectrum (approx. 850nm - 940nm) |
| **Package Type** | Compact Module / Wafer-level Package |
---
### 2. Functional Electronic Sub-systems
The IRS080-R55WF03 is more than a simple photodiode; it is an integrated system-on-chip (SoC) module consisting of several stages:
#### A. The Photodetector Array
The "80" in the part number usually refers to the 80x80 pixel resolution. Each pixel converts incoming infrared photons into an electrical charge. This array is optimized for **Time-of-Flight (ToF)** or **Structured Light** applications.
#### B. Analog-to-Digital Converter (ADC)
The raw analog signal generated by the pixel array is processed by an internal ADC. This converts the light intensity (or phase shift) into a digital value that the host processor can understand.
#### C. Integrated Logic & ISP
The module includes a small Image Signal Processor (ISP) or logic controller that handles:
* **Exposure Control:** Adjusting sensitivity based on ambient light.
* **Noise Reduction:** Filtering electronic noise from the signal.
* **Frame Rate Management:** Controlling how many samples per second are sent via I2C.
---
### 3. Pinout and Integration
While specific datasheet pinouts are proprietary to the manufacturer, these modules generally follow a standard interface pattern:
1. **VDD:** Main power supply.
2. **GND:** System ground.
3. **SCL/SDA:** I2C clock and data lines for communication with the MCU.
4. **INT:** Interrupt pin to signal the host processor when data is ready.
5. **EN/RST:** Enable or Reset pin for power management.
---
### 4. Common Applications
* **Gesture Control:** Detecting hand movements to scroll pages or adjust volume without physical touch.
* **User Presence Detection:** Waking up a laptop screen when a user sits down.
* **Proximity Sensing:** Turning off a phone screen during a call.
* **Industrial Automation:** Detecting objects on a conveyor belt or measuring small distances.
- ⤷
What is the maximum operating temperature for the IRS080-R55WF03?
- ⤷ How does the I2C address for this sensor typically get configured?
- ⤷ Can this sensor be used for 3D facial recognition?