Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • IX4340NETR

  • AI
    ## Overview of the IX4340NETR The **IX4340NETR** is a high-speed, dual-channel low-side MOSFET and IGBT gate driver manufactured by Littelfuse (formerly IXYS). It is designed specifically for applications requiring high-frequency switching and high current drive capabilities. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the IX4340NETR: | Parameter | Specification | | :--- | :--- | | **Configuration** | Dual Low-Side Driver | | **Supply Voltage Range ($V_{CC}$)** | 4.5V to 20V | | **Peak Output Current** | 5A (Source/Sink) | | **Logic Input Compatibility** | TTL / CMOS | | **Propagation Delay** | 16 ns (Typical) | | **Rise / Fall Time** | 7 ns / 7 ns (with 1000pF load) | | **Package Type** | SOIC-8 (Exposed Pad) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Features The IX4340NETR integrates several features to ensure efficient power management: * **Dual Independent Channels:** It contains two separate gate drivers that can operate independently or in parallel to provide higher current (up to 10A combined). * **High Speed:** Extremely short propagation delays and fast rise/fall times allow for high-frequency PWM (Pulse Width Modulation) signals, reducing switching losses. * **Enable Pins:** Each channel features a dedicated Enable pin for logic-level control of the output state. * **Thermal Efficiency:** The "NE" suffix indicates an **Exposed Pad (EP)** SOIC-8 package, which significantly improves thermal dissipation compared to standard SOIC-8 packages. * **Under-Voltage Lockout (UVLO):** Prevents the driver from operating if the supply voltage is too low to safely turn on the MOSFET/IGBT. --- ### 3. Pin Configuration | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | ENA | Enable Input for Channel A | | 2 | INA | Logic Input for Channel A | | 3 | GND | Ground | | 4 | INB | Logic Input for Channel B | | 5 | OUTB | Gate Drive Output for Channel B | | 6 | VCC | Supply Voltage | | 7 | OUTA | Gate Drive Output for Channel A | | 8 | ENB | Enable Input for Channel B | --- ### 4. Typical Applications The IX4340NETR is commonly found in the following electronic systems: * **Switch Mode Power Supplies (SMPS):** For driving power MOSFETs in buck, boost, or flyback converters. * **Motor Controllers:** Driving H-bridge circuits for DC or BLDC motors. * **DC-DC Converters:** High-efficiency power conversion in telecommunications and industrial equipment. * **Class-D Amplifiers:** Providing the necessary drive for high-speed audio switching. --- ### 5. Implementation Example (Conceptual) When using the IX4340NETR, it is critical to place a decoupling capacitor (typically 1.0µF to 4.7µF) very close to the $V_{CC}$ and $GND$ pins to handle high-frequency current spikes. ```cpp // Pseudocode Logic for MCU interfacing with IX4340 void setup() { pinMode(INA, OUTPUT); pinMode(ENA, OUTPUT); digitalWrite(ENA, HIGH); // Enable the driver } void loop() { digitalWrite(INA, HIGH); // Turn on MOSFET delayMicroseconds(10); digitalWrite(INA, LOW); // Turn off MOSFET delayMicroseconds(10); } ```
    ✨ Follow-up Questions
    • ⤷ What are the benefits of the 'Exposed Pad' in the IX4340NETR package?
    • ⤷ How does the IX4340NETR compare to its predecessor
    • ⤷ the IX4427?
    • ⤷ Can the two channels of the IX4340NETR be wired in parallel for 10A output?