Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • JPA2-1G-R

  • AI
    The **JPA2-1G-R** is a high-performance, two-way power splitter/combiner typically used in telecommunications, satellite communications, and RF (Radio Frequency) signal distribution. ### 1. Key Technical Specifications The "1G" in the model name usually signifies its operational frequency range, which typically extends up to **1000 MHz (1 GHz)**. | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Frequency Range** | 5 MHz – 1000 MHz | Covers VHF, UHF, and CATV bands. | | **Configuration** | 2-Way | Splits 1 input into 2 outputs or combines 2 into 1. | | **Impedance** | 75 Ohms | Standard for cable and television distribution. | | **Insertion Loss** | ~3.5 dB to 4.5 dB | The signal power lost during the splitting process. | | **Isolation** | >20 dB | Prevention of signal leakage between the two output ports. | | **Return Loss** | >18 dB | Measurement of signal reflection (efficiency). | --- ### 2. Internal Electronic Components The JPA2-1G-R is a **passive device**, meaning it does not require an external power source to operate. Its internal circuitry consists of: * **Ferrite Core Transformer:** The heart of the device. It uses wire coiled around a ferrite bead to induce electromagnetic coupling, allowing the signal to divide while maintaining impedance matching. * **Resistors:** A precision bridge resistor (typically around 150-300 ohms) is used to provide **isolation** between the two output ports, ensuring a fault on one line doesn't collapse the signal on the other. * **Capacitors:** Small surface-mount capacitors (SMD) are often used for DC-blocking or to fine-tune the frequency response at the high end of the 1GHz spectrum. * **Microstrip PCB:** The internal board traces are calculated to a specific width to maintain the 75-ohm characteristic impedance, preventing signal "ghosting" or reflections. --- ### 3. Structural Features * **RFI Shielding:** The unit is usually housed in a die-cast zinc or tin-plated housing to prevent Radio Frequency Interference (RFI) from leaking in or out. * **Connectors:** Uses standard **F-Type female connectors**, which are threaded for secure, low-loss connections. * **Power Passing:** The "-R" variant or specific sub-models may include a "Power Pass" feature, allowing DC voltage (used to power LNBs or amplifiers) to flow from one output port back to the input port. --- ### 4. Common Applications 1. **CATV Distribution:** Splitting a cable internet/TV signal to two different rooms. 2. **Antenna Systems:** Combining signals from two different antennas into a single lead-in cable. 3. **Signal Monitoring:** Tapping off a portion of a signal for testing purposes without disrupting the main line.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a power splitter and a directional coupler in RF circuits?
    • ⤷ Does the JPA2-1G-R support DC power passing on both ports?
    • ⤷ How does insertion loss change as the frequency increases toward 1000 MHz?