Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • JQ4-R

  • AI
    The **JQ4-R** is a specific electronic component typically identified as a **General Purpose Power Relay**. It is widely used in automotive, industrial, and consumer electronics to switch high-current loads using a low-power control signal. --- ## 1. Core Specifications The JQ4-R is characterized by its compact size and high reliability. Below are the typical electrical parameters associated with this series: | Parameter | Description | | :--- | :--- | | **Contact Form** | Usually SPDT (1 Form C) or SPST (1 Form A) | | **Coil Voltage** | Typically 12V DC (standard for automotive/industrial) | | **Max Switching Current** | Often rated between 10A to 20A (model dependent) | | **Contact Material** | Silver Alloy (for durability and low resistance) | | **Mounting Type** | PCB (Through-hole) or Plug-in | --- ## 2. Internal Components To understand the "electronic parts" within the JQ4-R, we must look at its mechanical and electrical assembly: ### A. The Coil (Electromagnet) The heart of the relay. When a small current flows through this copper wire winding, it creates a magnetic field. * **Purpose:** To pull the armature toward the core. * **Resistance:** Usually measured in Ohms; determines how much current the control circuit consumes. ### B. The Armature and Spring * **Armature:** A movable piece of iron that reacts to the magnetic field. * **Spring:** Ensures that once the coil is de-energized, the contacts return to their "Normal" (idle) state. ### C. Contacts (The Switch) These are the heavy-duty parts that actually carry the load. * **Common (COM):** The moving terminal. * **Normally Open (NO):** The circuit is completed only when the relay is active. * **Normally Closed (NC):** The circuit is completed when the relay is off. --- ## 3. Typical Pinout Configuration Most JQ4-R relays follow a standard footprint for PCB mounting: ```text [ Coil ] ------- (1) (3) ------- [ NO Contact ] | | [ Coil ] ------- (2) (4) ------- [ Common ] | (5) ------- [ NC Contact ] ``` --- ## 4. Common Applications Due to its robust design, the JQ4-R is found in: 1. **Automotive Systems:** Controlling headlights, fuel pumps, or horn circuits. 2. **Home Appliances:** Switching heaters or motors in washing machines and AC units. 3. **Industrial Controls:** Interfacing between a PLC (Programmable Logic Controller) and a heavy motor.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage for the JQ4-R relay?
    • ⤷ How do I test a JQ4-R relay using a multimeter?
    • ⤷ Can I use a flyback diode with this relay to protect my circuit?