Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • JRQ2-46-R

  • AI
    The **JRQ2-46-R** is a specific model of an **electromagnetic relay**, commonly used in industrial control systems and consumer electronics for switching power loads. --- ## 1. Technical Specifications Below are the typical electrical characteristics for this component: | Feature | Specification | | :--- | :--- | | **Component Type** | Electromagnetic Relay | | **Contact Form** | Usually 2 Form C (DPDT - Double Pole Double Throw) | | **Nominal Voltage** | 46V DC (Standard for this specific series) | | **Max Switching Current** | Typically 1A to 2A (Signal Relay Grade) | | **Mounting Type** | PCB (Through-hole) | | **Package Style** | Sealed/DIP style | --- ## 2. Key Electronic Components & Working Principle The JRQ2-46-R operates through several internal electronic and mechanical parts: ### A. The Coil (Inductive Element) The "46" in the part number indicates the nominal operating voltage of the internal coil. When a current flows through this copper coil, it creates a magnetic field. * **Protection Note:** Because the coil is an inductor, it generates a "flyback" voltage spike when turned off. A **freewheeling diode** should be placed in parallel with it in your circuit. ### B. The Armature and Spring A mechanical lever (armature) is attracted by the coil's magnetic field. When the power is removed, a precision spring pulls the armature back to its "Normally Closed" (NC) position. ### C. Contacts (The Switch) The contacts are the most critical part for electronic longevity. In the JRQ2 series: * **Material:** Usually gold-clad silver or silver alloy to prevent oxidation. * **Configuration:** DPDT allows the relay to control two separate circuits simultaneously. --- ## 3. Application Use Cases This specific voltage rating (46V-48V) is frequently found in: 1. **Telecommunications:** Standard 48V telecom lines. 2. **Industrial Automation:** PLCs and control boards using non-standard DC rails. 3. **Security Systems:** Remote switching for long-distance power runs. --- ## 4. Connection Diagram (General) ```text [Coil Terminal 1] ----(+) 46V DC | [Internal Coil] | [Coil Terminal 2] ----(-) Ground / Collector of Transistor [Common Pin] -------- [Load Power In] [NC Pin] ------------ [Auxiliary Circuit] [NO Pin] ------------ [Main Load Device] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum contact resistance for the JRQ2 series?
    • ⤷ Can this relay be driven directly by a 5V microcontroller?
    • ⤷ What are the physical dimensions for PCB footprinting?