Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • JT120-R-CDL

  • AI
    The **JT120-R-CDL** is a specific model within the series of high-performance **Step Motor Drivers**, typically manufactured by companies like **JMC (Shenzhen Just Motion Control)**. This specific unit is designed for precision control of 2-phase hybrid stepper motors. --- ## 1. Core Technical Specifications The "electronic parts" of this driver refer to its internal power stage and control logic. Below are the primary electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 24V - 110V DC / 18V - 80V AC | | **Output Current** | 0.5A - 7.0A (Peak) | | **Microstep Resolution** | 400 - 51,200 steps/rev | | **Pulse Frequency** | Up to 200 kHz | | **Control Signal** | 5V - 24V Compatible (Built-in resistor) | | **Logic Signal Current** | 7 - 15mA | --- ## 2. Key Internal Electronic Components The functionality of the JT120-R-CDL is derived from several critical electronic subsystems: ### A. Power Stage (H-Bridge) * **MOSFETs/IGBTs:** The driver uses a high-voltage H-Bridge circuit to switch current through the motor coils. * **Heat Sink:** Because it handles up to 7A, the electronic components are mounted to a heavy-duty aluminum chassis for thermal dissipation. ### B. Control Logic (Digital Signal Processor) * **32-bit DSP:** Unlike older analog drivers, the "R" in the series often signifies a **Digital** architecture. It uses a DSP to calculate current loops in real-time, reducing resonance and noise. * **Anti-Resonance Algorithms:** The electronics analyze the motor's back-EMF to cancel out mechanical vibrations. ### C. Isolation and Protection * **Optocouplers:** The input signals (Pulse, Direction, Enable) are electronically isolated via high-speed optocouplers to prevent electrical noise from the motor side from damaging the PLC or Controller. * **Protection Circuitry:** Built-in sensors for: * Over-voltage / Under-voltage * Over-current * Phase short-circuit --- ## 3. Interface and Connectivity The driver features several physical electronic interfaces for integration: ### Signal Terminals (Logic) * **PUL+ / PUL-:** Pulse input (controls speed and distance). * **DIR+ / DIR-:** Direction input (controls clockwise/counter-clockwise). * **ENA+ / ENA-:** Enable signal (engages/disengages motor torque). ### Power & Motor Terminals * **AC/AC or VCC/GND:** Power supply input. * **A+, A-, B+, B-:** Connections for the 2-phase stepper motor leads. --- ## 4. Configuration Switches (DIP Switches) On the side of the unit, there are electronic **DIP switches** used to configure: 1. **Dynamic Current:** Setting the peak amperage delivered to the motor. 2. **Standstill Current:** Reducing current by 50% when the motor is not moving to prevent overheating. 3. **Microstep Selection:** Determining how many pulses equal one full rotation.
    ✨ Follow-up Questions
    • ⤷ What is the difference between AC and DC power input for this specific driver?
    • ⤷ How do I calculate the correct DIP switch settings for a 4.2A stepper motor?
    • ⤷ Can this driver be used with 3-phase stepper motors?