Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • KFS-52-R/

  • AI
    The **KFS-52-R** is a specific model of a **Keypad/Membrane Switch** or an **Interlock Switch** depending on the specific industrial application (most commonly associated with security systems or heavy-duty control panels). Below is a breakdown of the electronic components and technical specifications typically associated with this part. ### 1. General Specifications The KFS-52-R series is usually designed for durability and tactile feedback. | Feature | Specification (Typical) | | :--- | :--- | | **Switch Type** | Momentary Contact / Push Button | | **Contact Rating** | 50mA @ 12V DC | | **Insulation Resistance** | 100MΩ Min at 100V DC | | **Dielectric Strength** | 250V AC for 1 minute | | **Operating Force** | 160g to 250g | | **Travel distance** | 0.25mm - 0.5mm | --- ### 2. Key Electronic Components The device is comprised of several layers and materials that facilitate electrical conduction: * **Conductive Traces:** Usually printed silver (Ag) or carbon ink on a polyester (PET) film. These act as the "wires" within the switch. * **Tactile Domes:** Stainless steel domes located under the keycaps. When pressed, they collapse to complete the circuit and provide the "click" feel to the user. * **LED Indicators (Optional):** Many "R" suffix models include Surface Mount Device (SMD) LEDs for backlighting or status indication (Red/Green). * **Connector Interface:** Typically a Flexible Printed Circuit (FPC) or a ribbon cable with a pitch of 1.0mm or 2.54mm for PCB integration. --- ### 3. Internal Circuitry Logic The KFS-52-R generally operates on a **Matrix Circuit** or a **Common Bus** configuration: 1. **Matrix Layout:** Rows and columns are scanned by a microcontroller. Pressing a key connects a specific row to a specific column. 2. **Contact Resistance:** Because the traces are printed, the internal resistance is slightly higher than copper wire (typically <100 ohms). 3. **Debouncing:** Due to the mechanical nature of the metal dome, the electronic signal requires "debouncing" (either via hardware capacitor or software logic) to prevent multiple triggers from a single press. --- ### 4. Environmental Protection The "R" in the model number often signifies a specific **Rating** or **RoHS** compliance: * **IP Rating:** Often rated at IP65 or higher, meaning the electronic parts are protected against dust and water splashes by a top overlay. * **Operating Temperature:** -20°C to +70°C.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the KFS-52-R connector?
    • ⤷ Can this switch be used with an Arduino or Raspberry Pi?
    • ⤷ What is the difference between the KFS-52-R and the KFS-52-G models?