Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • KFS-FC-R

  • AI
    Based on technical documentation, the **KFS-FC-R** (commonly associated with Fan Coil Unit control systems, specifically from manufacturers like **King I** or within specific HVAC controller series) is a sophisticated control board designed to manage environmental parameters. Below is an explanation of its primary electronic components and functions. --- ### 1. Key Electronic Components The board functions as a bridge between user inputs (thermostats) and the mechanical components of an HVAC system (fans and valves). | Component Category | Description | Purpose | |:---|:---|:---| | **Microcontroller (MCU)** | The "brain" of the unit. | Processes temperature data and executes logic sequences. | | **Relay Array** | Electromechanical switches. | Controls high-voltage loads like Fan High/Med/Low and Water Valves. | | **Step-down Transformer** | AC to DC/AC conversion. | Converts mains voltage (220V/110V) to low voltage (12V/24V) for the logic circuit. | | **Terminal Blocks** | Screw or spring connectors. | Provides secure interface points for wiring sensors and power lines. | | **NTC Thermistor Interface**| Resistance-based sensor input. | Measures ambient or pipe temperature to trigger heating/cooling. | --- ### 2. Functional Circuitry The KFS-FC-R electronic architecture is divided into three main zones: #### A. Power Management Layer * **Voltage Regulation:** Ensures the MCU receives stable DC power despite fluctuations in the main grid. * **Fuse Protection:** Usually includes a glass or ceramic fuse to protect the PCB from over-current or short circuits in the fan motor. #### B. Input/Output (I/O) Logic * **Control Inputs:** Receives signals from a remote thermostat or onboard buttons. * **Output Drivers:** Uses optoisolators or transistors to trigger the relays that start the fan or open the solenoid valves. #### C. Configuration Jumpers/DIP Switches * Many versions of this board feature small physical switches to set the mode: * **2-Pipe vs 4-Pipe:** Configures whether the board controls one or two water valves. * **Fan Control:** Sets whether the fan stays on or shuts off when the set temperature is reached. --- ### 3. Technical Specifications (Typical) While specifications can vary by revision, the standard electronic ratings for this class of controller are: | Parameter | Specification | |:---|:---| | **Operating Voltage** | 220V AC ±10%, 50/60Hz | | **Load Current** | 3A (Resistive), 1A (Inductive) per channel | | **Power Consumption** | < 2W | | **Temperature Sensor** | NTC 10K / 5K (depending on model) | | **Operating Environment** | 0°C to 50°C | --- ### 4. Safety and Diagnostic Features * **Delay Protection:** Built-in electronic timers to prevent the compressor or fan from rapid cycling, which extends the life of the motor. * **LED Indicators:** Most KFS series boards include SMD LEDs to indicate "Power On," "Valve Open," or "Fault Status."
    ✨ Follow-up Questions
    • ⤷ What are the wiring pinouts for the KFS-FC-R terminal block?
    • ⤷ How do I troubleshoot a relay failure on this control board?
    • ⤷ Can this board be integrated into a Modbus or BMS system?