Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • KGS1A-R

  • AI
    The **KGS1A-R** is an electronic component primarily classified as a **Solid State Relay (SSR)** or a **PhotoMOS/Photo-Relay**, typically manufactured by companies like **Cosmo Electronics**. It is designed to act as a switch with no moving parts, using optical coupling to provide isolation between the input and output. --- ## Technical Specifications The following table highlights the core electrical characteristics of the KGS1A-R series: | Parameter | Type/Value | Description | | :--- | :--- | :--- | | **Contact Form** | 1 Form A | Normally Open (SPST-NO) | | **Output Type** | MOSFET | Power MOSFET output for high reliability | | **Isolation Voltage** | 3,750 Vrms (avg) | High dielectric strength between input/output | | **Load Voltage** | Up to 400V - 600V | Varies by specific model suffix | | **Load Current** | 100mA - 150mA | Maximum continuous load current | | **Package Type** | 4-Pin SOP / DIP | Small Outline Package for PCB mounting | --- ## Key Features ### 1. Optical Isolation The device utilizes an internal Infrared LED and a Photovoltaic Diode array. When current flows through the LED, it emits light that triggers the MOSFET, allowing current to pass through the output pins. This ensures the control circuit is physically and electrically isolated from the load circuit. ### 2. No Mechanical Wear Unlike traditional electromagnetic relays, the KGS1A-R has: * **No contact bounce:** Provides clean switching. * **Silent operation:** Ideal for noise-sensitive environments. * **Longer lifespan:** Unlimited switching cycles compared to mechanical contacts. ### 3. Low Control Current It can be driven directly by logic-level signals (TTL/CMOS) from microcontrollers, requiring very low input current (typically 2mA to 5mA) to trigger the "On" state. --- ## Pin Configuration (Typical 4-Pin) | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Anode | Positive input for the internal LED | | **2** | Cathode | Negative input for the internal LED | | **3** | Drain/Source | Output Terminal 1 (Load side) | | **4** | Drain/Source | Output Terminal 2 (Load side) | --- ## Common Applications * **Telecommunications:** Hook switching and ring detection. * **Security Systems:** Controlling sensors or alarm triggers. * **Industrial Controls:** Signal switching in PLCs. * **Medical Equipment:** High-isolation signal paths for patient safety. * **Data Acquisition:** Multiplexing low-level analog signals. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between KGS1A-R and a standard mechanical relay?
    • ⤷ What is the maximum switching frequency for this component?
    • ⤷ Can it handle AC and DC loads simultaneously?