KRTB-2AB-SSLASHQ
AI

The **KRTB-2AB-SSLASHQ** is a high-performance, surface-mount (SMD) **RGB LED** manufactured by **OSRAM Opto Semiconductors**. It belongs to the *Multi CHIPLED* family and is specifically designed for high-resolution displays, interior lighting, and status indication.
---
### 1. Technical Specifications
The following table outlines the key electrical and optical characteristics for each color channel within the component:
| Characteristic | Red (R) | True Green (T) | Blue (B) |
| :--- | :--- | :--- | :--- |
| **Material** | AlGaInP | InGaN | InGaN |
| **Wavelength (typ)** | 623 nm | 525 nm | 465 nm |
| **Luminous Intensity** | 180 - 450 mcd | 450 - 1120 mcd | 90 - 280 mcd |
| **Forward Voltage (typ)** | 2.1 V | 2.9 V | 2.9 V |
| **Max Forward Current** | 30 mA | 25 mA | 25 mA |
---
### 2. Physical Construction & Design
The "SSLASHQ" suffix often refers to the specific binning and packaging configuration. Key physical features include:
* **Package Size:** Typically **1.6 mm x 1.6 mm** (1616 footprint) with a low profile height of approximately 0.7 mm.
* **Common Anode/Cathode:** It features a 4-pin or 6-pin configuration (depending on the specific sub-variant) allowing independent control of the three colors.
* **Encapsulation:** Clear silicone or epoxy resin is used to provide a wide viewing angle (typically **120°**).
* **Black Surface:** Many versions in this series feature a black package body to improve contrast ratios in video walls and display screens.
---
### 3. Key Electronic Features
* **Individual Addressability:** Because it contains three separate chips (Red, Green, Blue), the color can be mixed to create any spectrum, including white, by using **PWM (Pulse Width Modulation)** on each channel.
* **ESD Protection:** Most modern OSRAM CHIPLEDs include integrated ESD protection diodes (up to 2kV) to protect the sensitive InGaN (Blue/Green) chips.
* **Thermal Management:** The small footprint requires careful PCB heat sinking if all three channels are driven at maximum current simultaneously.
---
### 4. Common Applications
1. **Full-color Video Walls:** Used in indoor LED billboards due to the high contrast and small pitch.
2. **Automotive Interior:** Ambient lighting in dashboards or door panels.
3. **Consumer Electronics:** Backlighting for buttons, status indicators on smart home devices, and wearable tech.
- ⤷
What is the pinout configuration for the KRTB-2AB series?
- ⤷ How should I calculate the current-limiting resistors for this RGB LED?
- ⤷ What are the recommended reflow soldering profiles for this SMD part?