Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • KSF-R015

  • AI
    The **KSF-R015** typically refers to a **Metal Strip Current Sense Resistor**. These components are specifically engineered for power management and circuit protection by providing a highly accurate method to measure current flow. --- ## 1. Technical Specifications The part number "R015" signifies a resistance value of **15mΩ (0.015 Ohms)**. Below are the typical electronic characteristics for this class of resistor: | Feature | Specification | | :--- | :--- | | **Resistance Value** | 15 mΩ (0.015 Ω) | | **Material** | Metal Alloy (Manganese-Copper or similar) | | **Power Rating** | Commonly 1W to 3W (depending on package size) | | **Tolerance** | ±1%, ±2%, or ±5% | | **Temperature Coefficient (TCR)** | ±50ppm/°C to ±100ppm/°C | | **Operating Temp Range** | -55°C to +155°C | --- ## 2. Key Electronic Properties ### Low Resistance Value At 15mΩ, the resistor is designed to be placed in series with a load. Because the resistance is so low, it minimizes power loss ($P = I^2 \times R$) while allowing a measurable voltage drop to be sensed by an Integrated Circuit (IC). ### Metal Strip Construction Unlike standard thick-film resistors, the KSF-R015 uses a solid metal alloy strip. This provides: * **High Pulse Endurance:** It can handle sudden surges of current without failing. * **Thermal Stability:** The metal alloy maintains a consistent resistance even as it heats up. * **Low Inductance:** Crucial for high-frequency switching power supplies to prevent signal noise. --- ## 3. Circuit Applications The KSF-R015 is primarily used in the following electronic environments: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge levels in Li-ion battery packs. 2. **DC-DC Converters:** Providing feedback to the controller to regulate output current. 3. **Motor Control:** Detecting stalls or over-current conditions in small motors. 4. **Over-current Protection:** Acting as a trigger for a fuse or a shutdown circuit if the current exceeds safe limits. --- ## 4. Typical Footprint (SMD) These are usually Surface Mount Devices (SMD). Common package sizes include: * **2512** (6.4mm x 3.2mm) * **1206** (3.2mm x 1.6mm) *Note: Always verify the physical dimensions and power rating against the specific manufacturer's datasheet (e.g., KOA Speer, Susumu, or Vishay) as the "KSF" prefix may vary slightly by brand.*
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity for a 2W KSF-R015 resistor?
    • ⤷ How does a 1% tolerance affect current sensing accuracy compared to 5%?
    • ⤷ Can this resistor be used in high-frequency AC applications?