Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • KWTS-2BC-R

  • AI
    ## Overview of the KWTS-2BC-R The **KWTS-2BC-R** is a specific model of a **water temperature sensor** (thermal switch), commonly used in automotive applications, heavy machinery, or industrial cooling systems. It functions as a resistive probe that communicates engine temperature to a gauge or an Electronic Control Unit (ECU). --- ### 1. Technical Specifications Below are the typical electronic characteristics of this component: | Feature | Specification | | :--- | :--- | | **Component Type** | Thermistor (NTC) / Temperature Sender | | **Output Type** | Variable Resistance (Analog) | | **Thread Size** | Typically M14 x 1.5 or 1/8" NPT (Varies by sub-model) | | **Terminal Type** | 2-Pin Connector (Positive and Ground/Signal) | | **Operating Voltage** | 6V - 24V DC | | **Standard Resistance** | ~280Ω at 40°C / ~25Ω at 120°C (Typical) | --- ### 2. Internal Electronic Structure The KWTS-2BC-R is primarily an **NTC (Negative Temperature Coefficient)** thermistor housed in a brass or stainless steel casing. * **Thermistor Element:** The core is a semiconductor ceramic. As the temperature of the coolant increases, the internal resistance of the sensor **decreases**. * **Dual-Terminal Design (2BC):** Unlike 1-pin sensors that use the engine block as a ground, the "2BC" variant features two pins. This provides a dedicated ground circuit, reducing electronic noise and ensuring higher accuracy for sensitive ECUs. * **Isolation:** The internal electronics are thermally coupled to the outer shell but electrically isolated to prevent short-circuiting to the chassis. --- ### 3. Functional Applications The electronics of the KWTS-2BC-R serve two primary roles in a system: 1. **Gauge Driving:** It provides a direct variable resistance to the needle coil in a dashboard temperature gauge. 2. **Signal Conversion:** In modern systems, it acts as a voltage divider. The ECU sends a 5V reference; as the sensor's resistance changes, the returned voltage changes, allowing the ECU to calculate exact temperature. --- ### 4. Circuit Diagram Representation In a standard electronic schematic, the wiring would look like this: ```mermaid graph LR A[5V/12V Power Source] --> B[Pull-up Resistor] B --> C[KWTS-2BC-R Pin 1] C --> D[Ground Pin 2] B -- Signal Tap --> E[Microcontroller/Gauge] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the symptoms of a failing KWTS-2BC-R sensor?
    • ⤷ How do I test the resistance of this sensor using a multimeter?
    • ⤷ What is the difference between an NTC and a PTC temperature sensor?