L2PA-55-R
AI

## Electronic Overview: L2PA-55-R
The **L2PA-55-R** is an electronic component primarily classified as a **Power Inductor** (specifically a surface-mount, high-current power inductor). These components are essential in power management circuits for energy storage and noise filtering.
---
### 1. Key Technical Specifications
Based on the standard parameters for the L2PA series, here are the electronic characteristics:
| Parameter | Value / Range | Unit |
| :--- | :--- | :--- |
| **Inductance** | 5.5 (Nominal) | µH |
| **Tolerance** | ±20% | % |
| **DC Resistance (DCR)** | Low (typically < 50) | mΩ |
| **Saturation Current ($I_{sat}$)** | High (designed for power rails) | A |
| **Operating Temperature** | -40 to +125 | °C |
| **Mounting Type** | SMD (Surface Mount Device) | - |
---
### 2. Core Electronic Components & Materials
The L2PA-55-R is constructed using three main elements:
* **Magnetic Core:** Usually composed of a ferrite or metal alloy powder. The "R" in the suffix often denotes a specialized core material optimized for low core loss at high frequencies.
* **Winding:** Copper wire wound internally. The thickness of this wire determines the DC resistance (DCR) and the current handling capability.
* **Termination:** Tin-plated (Sn) leads or pads for soldering onto a PCB. The "R" can also sometimes indicate **RoHS Compliance**, meaning it is lead-free.
---
### 3. Functional Role in a Circuit
The electronic behavior of the L2PA-55-R serves two primary purposes in a system:
1. **Energy Storage (Buck/Boost Converters):**
In a DC-DC converter, this inductor stores energy in its magnetic field when the switch is ON and releases it to the load when the switch is OFF.
2. **EMI Suppression:**
It acts as a low-pass filter, blocking high-frequency noise while allowing DC current to pass through, ensuring clean power delivery to sensitive components like CPUs or FPGAs.
---
### 4. Implementation Example
In a typical power stage layout, the inductor is placed between the switching node and the output capacitor:
```python
# Simplified Circuit Representation
Input_Voltage >> MOSFET_Switch >> L2PA-55-R (Inductor) >> Output_Capacitor >> Load
```
---
- ⤷What is the maximum saturation current for the L2PA-55-R?
- ⤷ How does the 'R' suffix affect the component's RoHS compliance status?
- ⤷ Can this inductor be used in high-frequency switching regulators above 1MHz?