Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • L5030G-AF5-R

  • AI
    ## Technical Overview of L5030G-AF5-R The **L5030G-AF5-R** is a high-performance, low-dropout (LDO) linear voltage regulator typically manufactured by UTC (Unisonic Technologies). It is designed to provide a stable output voltage with high precision and low noise, making it ideal for battery-powered and sensitive electronic applications. ### 1. Key Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 3.0V (Fixed) | | **Maximum Output Current** | 300mA | | **Dropout Voltage** | Typically 0.2V @ 300mA | | **Input Voltage Range** | Up to 6.0V | | **Package Type** | SOT-25 / SOT-23-5 | | **Operating Temperature** | -40°C to +85°C | | **Quiescent Current** | ~50µA (Low power consumption) | --- ### 2. Part Number Breakdown The suffixing in the part number provides specific details about the component's packaging and material: * **L5030**: Series identifier (300mA LDO). * **G**: Halogen-free and RoHS compliant. * **AF5**: Package code for **SOT-25** (also known as SOT-23-5). * **R**: Tape and Reel packaging. --- ### 3. Pin Configuration (SOT-25) The device features five pins, which are standard for modern LDOs requiring an "Enable" function. | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | **VIN** | Input Supply Voltage | | 2 | **GND** | Ground | | 3 | **CE / EN** | Chip Enable (Active High) | | 4 | **NC / BP** | No Connection or Bypass Capacitor (depending on variant) | | 5 | **VOUT** | Regulated Output Voltage | --- ### 4. Typical Application Circuit To ensure stability and reduce noise, external capacitors are required. A common implementation uses ceramic capacitors due to their low ESR. ```c // Basic Circuit Representation [Input Voltage] ----[ C1: 1uF ]---- VIN (Pin 1) VOUT (Pin 5) ----[ C2: 1uF ]---- [Stable 3.0V Output] [Control Signal] ------------------ CE (Pin 3) GND (Pin 2) -------------------- [Ground] ``` ### 5. Common Applications * **Mobile Devices:** Cell phones, tablets, and handheld GPS units. * **Battery Powered Equipment:** Due to the low quiescent current, it extends battery life. * **Post-Regulation:** Used after a switching regulator to "clean up" noise for sensitive analog sensors.
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage safety margin for the L5030G?
    • ⤷ How does the 'Enable' pin affect power consumption in standby mode?
    • ⤷ Can this LDO be used with tantalum capacitors instead of ceramic?