Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • LA5527

  • AI
    ## Overview of the LA5527 IC The **LA5527** is a monolithic linear integrated circuit designed primarily as a **low-voltage DC motor speed controller**. It was commonly used in portable audio equipment, such as radio-cassette recorders and portable tape players, where maintaining a constant motor speed despite battery voltage fluctuations is critical. --- ### 1. Key Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Operating Voltage (Vcc)** | 1.8V to 8.0V | | **Quiescent Current** | ~3.5mA (Typical) | | **Maximum Motor Current** | 700mA | | **Reference Voltage** | ~1.2V | | **Package Type** | SIP-4 (Single In-line Package, 4 pins) | --- ### 2. Functional Description The LA5527 works by monitoring the **Back Electromotive Force (Back-EMF)** generated by the DC motor. As the load on the motor increases, its speed (and Back-EMF) drops; the IC detects this drop and increases the output voltage to maintain a steady RPM. #### Internal Block Components: * **Voltage Reference:** Provides a stable baseline for speed comparison. * **Error Amplifier:** Compares the feedback from the motor to the reference. * **Power Transistor:** Controls the actual current flowing to the motor. * **Current Limiter:** Protects the IC and motor from over-current damage. --- ### 3. Pin Configuration (SIP-4) The device is simple to integrate due to its 4-pin architecture: | Pin Number | Name | Function | | :---: | :--- | :--- | | **1** | **Vcc** | Positive power supply input. | | **2** | **Control** | Connected to a resistor/potentiometer to set motor speed. | | **3** | **Motor** | Output terminal connected to the motor. | | **4** | **GND** | Ground / Common terminal. | --- ### 4. Circuit Implementation Example To use the LA5527, minimal external components are required. Usually, a variable resistor ($R_t$) and a fixed resistor ($R_s$) are used to calibrate the speed. ```markdown Vcc (1.8V - 8V) ---- [Pin 1] | [LA5527 IC] --- [Pin 3] ----> (Motor +) | | [Pin 2] <--- [Potentiometer] <-------------------| | [Pin 4] -------------- GND -------------------> (Motor -) ``` ### 5. Features and Benefits * **Wide Voltage Range:** Functions reliably even as batteries drain down to 1.8V. * **High Stability:** Excellent speed stability against temperature changes and voltage variations. * **Few External Parts:** Reduces PCB footprint and manufacturing costs. ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the resistor values for a specific motor RPM on the LA5527?
    • ⤷ What are the common modern alternatives to the LA5527?
    • ⤷ Can the LA5527 be used to control brushless DC motors?