Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • LCANMOB1008-RSP

  • AI
    The **LCANMOB1008-RSP** is a specialized high-performance antenna component designed primarily for **Mobile/Cellular** and **M2M (Machine to Machine)** applications. Below is a breakdown of its electronic specifications and physical characteristics. --- ## 🛰️ Technical Specifications This part is an Omni-directional antenna typically used in the **LTE/Sub-6 GHz** frequency bands. | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 698 MHz – 2700 MHz (Broadband) | | **Gain** | 3 dBi (Typical) | | **Impedance** | 50 Ohms | | **VSWR** | ≤ 2.0:1 | | **Polarization** | Vertical / Linear | | **Radiation Pattern** | Omni-directional (360°) | | **Connector Type** | RP-SMA Plug (Reverse Polarity SMA) | --- ## 🛠️ Electronic Overview ### 1. Reverse Polarity SMA (RP-SMA) Connector Unlike standard SMA connectors, the **RP-SMA** used in this part has a female pin inside the male-threaded nut. This is a common regulatory requirement for consumer Wi-Fi and mobile equipment to prevent users from attaching high-gain professional antennas easily. ### 2. Multi-Band Tuning The electronic circuitry inside the antenna is tuned to cover multiple cellular bands: * **700 MHz:** LTE Low band. * **850/900 MHz:** GSM/CDMA. * **1710–2170 MHz:** 3G/AWS/PCS. * **2500–2700 MHz:** High-speed LTE. ### 3. Passive Operation This is a **passive electronic component**. It does not require external power to operate; instead, it uses the electromagnetic energy provided by the radio transceiver (e.g., a cellular modem or router) to transmit and receive signals. --- ## 🏗️ Physical Construction * **Housing Material:** UV Stabilized ABS or similar plastic radome for durability. * **Mounting:** Direct mount (Screw-on). It often features a "Tilt and Swivel" design allowing it to be oriented vertically regardless of the device's position. * **Environment:** Typically rated for indoor or protected outdoor use. --- ## 🔌 Typical Applications 1. **IoT Gateways:** Connecting remote sensors to the cloud via 4G/LTE. 2. **Cellular Routers:** Enhancing signal for home or office LTE backup systems. 3. **Vending Machines:** Facilitating credit card transactions via cellular data. 4. **Security Systems:** Wireless alarm panels communicating with central monitoring.
    ✨ Follow-up Questions
    • ⤷ What is the difference between SMA and RP-SMA in cellular antennas?
    • ⤷ Does this antenna support 5G Sub-6 GHz frequencies?
    • ⤷ What is the recommended mounting orientation for a 3dBi omni-directional antenna?