Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • LCMXO2-256UHC2BG332CTRES

  • AI
    The **LCMXO2-256UHC-4BG332C** (often referred via its family series in the MachXO2 line) is an ultra-low-power, instant-on Flash-based **CPLD/FPGA** manufactured by Lattice Semiconductor. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. General Specifications This device belongs to the **MachXO2** family, designed to bridge the gap between traditional CPLDs and low-density FPGAs. | Feature | Specification | | :--- | :--- | | **Logic Cells (LUTs)** | 256 Look-Up Tables | | **User I/O Count** | Up to 274 (Package dependent) | | **Package Type** | CABGA-332 (Ball Grid Array) | | **Voltage Supply (Core)** | 2.5V to 3.3V (UHC variant) | | **Speed Grade** | -4 (Standard speed) | | **Temperature Range** | 0°C to 85°C (Commercial) | --- ### 2. Key Internal Components The architecture of this part includes specialized hardware blocks that reduce the need for external components: * **Flash Memory:** Integrated non-volatile configuration memory. It allows the chip to be "Instant-on" (it powers up and starts running logic in microseconds). * **Embedded Functional Blocks (EFB):** Contains hardened IP for common interfaces: * **I2C** and **SPI** controllers. * **Timer/Counters**. * **User Flash Memory (UFM):** A dedicated area of flash memory available for the user to store data (like serial numbers or calibration constants). * **I/O Logic:** Supports multiple standards including LVCMOS, LVTTL, and differential signaling like LVDS. --- ### 3. Application Use Cases Due to its low logic density (256 LUTs) and high I/O count, this part is rarely used for heavy data processing. Instead, it is used for: 1. **System Power Sequencing:** Managing the power-up order of larger SoCs and CPUs. 2. **I/O Expansion:** Adding more GPIOs to a microcontroller that has run out of pins. 3. **Level Shifting:** Translating signals between different voltage domains (e.g., 1.8V logic to 3.3V logic). 4. **Interface Bridging:** Converting signals between different protocols (e.g., I2C to parallel). --- ### 4. Part Number Decoder Understanding the "LCMXO2-256UHC-4BG332C" nomenclature: | Code | Meaning | | :--- | :--- | | **LCMXO2** | MachXO2 Family | | **256** | Logic Density (256 LUTs) | | **UHC** | Ultra High Capacity (Voltage/Power variant) | | **4** | Speed Grade (Lower is slower in Lattice nomenclature) | | **BG332** | 332-ball BGA Package | | **C** | Commercial Temperature Grade | --- ### 5. Programming and Development To work with this part, engineers typically use the following tools: ```bash # Software Requirement Lattice Diamond Design Software # Programming Hardware Lattice HW-USBN-2B (USB MachXO2 Programmer) # Hardware Description Languages (HDL) Verilog, SystemVerilog, or VHDL ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption benefits of the MachXO2 Flash-based architecture compared to SRAM-based FPGAs?
    • ⤷ How does the 'Instant-on' feature impact system boot timing?
    • ⤷ What is the difference between the 'HC' and 'UHC' voltage variants in this series?