Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • LD1085D2M80-R

  • AI
    ## Analysis of the LD1085D2M80-R The **LD1085D2M80-R** is a high-performance, low-dropout (LDO) positive voltage regulator manufactured by STMicroelectronics. It is designed to provide a stable output voltage with high efficiency, even when the input voltage is only slightly higher than the output voltage. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 8.0 V (Fixed) | | **Output Current** | Up to 3.0 A | | **Dropout Voltage** | 1.3 V @ 3 A (Typical) | | **Input Voltage (Max)** | 30 V | | **Package Type** | D2PAK (TO-263) | | **Operating Temperature** | -40°C to 125°C | | **Reference Voltage Tolerance** | ±1% at 25°C | --- ### 2. Electronic Characteristics & Features * **Low Dropout Voltage:** Unlike standard linear regulators (like the LM7808) which require ~2V overhead, the LD1085 series allows for a much lower differential between input and output, reducing power dissipation. * **Internal Protection:** The chip includes internal current limiting and thermal shutdown protection, making it robust against short circuits or overheating. * **High Current Capability:** Capable of delivering up to 3 Amps, making it suitable for high-power digital logic supplies and post-regulators for switching power supplies. * **Stability:** It requires a minimum of 10 µF output capacitance (usually tantalum or electrolytic) to ensure stability during load transients. --- ### 3. Pin Configuration (D2PAK) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **GND** | Ground reference for the internal circuitry. | | 2 / Tab | **Vout** | The regulated 8.0V output. The metal tab is also connected to this pin. | | 3 | **Vin** | Unregulated input voltage. | --- ### 4. Typical Application Circuit To use the LD1085D2M80-R correctly, external capacitors are required for stability and noise filtering: ```text Input (Vin) ----[Cin: 10uF]----[ LD1085 ]----[Cout: 10uF]---- Output (8V) | [GND] ``` * **Cin:** A 10µF capacitor is recommended if the regulator is located far from the power supply filter. * **Cout:** A 10µF (or larger) capacitor is **mandatory** for stability. Using a low ESR capacitor improves transient response. --- ### 5. Common Use Cases 1. **Post-Regulation:** Following a switching regulator to remove high-frequency noise. 2. **Logic Supplies:** Powering 8V industrial sensors or older logic circuits. 3. **Battery Powered Systems:** Maximizing battery life due to the low dropout characteristic.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the D2PAK version of this regulator?
    • ⤷ Can I use ceramic capacitors for the output (Cout) of the LD1085?
    • ⤷ How does this regulator compare to the LM1085 series from other manufacturers?