Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • LD1085D2T28-R

  • AI
    ## LD1085D2T28-R Technical Overview The **LD1085D2T28-R** is a low-dropout (LDO) positive voltage regulator designed to provide a high current output with high efficiency. It belongs to the LD1085 series manufactured by STMicroelectronics. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 2.85V (Fixed) | | **Maximum Output Current** | 3.0 A | | **Dropout Voltage (Typ)** | 1.3 V @ 3A | | **Maximum Input Voltage** | 30 V | | **Package Type** | D2PAK (TO-263) | | **Operating Temperature** | -40°C to 125°C | | **Accuracy** | ±1% at 25°C | --- ### 2. Core Functional Components The internal architecture of the LD1085 series includes several critical electronic stages: * **Pass Transistor (NPN):** The power stage uses an NPN transistor. Unlike standard regulators, the LD1085 is designed to maintain stability even with low input-to-output voltage differentials. * **Voltage Reference:** A precision internal bandgap reference ensures the 2.85V output remains stable across varying temperatures and loads. * **Protection Circuitry:** * **Internal Current Limiting:** Protects the device against short circuits or excessive load. * **Thermal Overload Protection:** Shuts down the regulator if the junction temperature exceeds safe limits (typically 150°C). * **Error Amplifier:** Constantly compares the output voltage against the reference to adjust the pass transistor's base current, maintaining a steady output. --- ### 3. Application Requirements To ensure the LD1085D2T28-R operates correctly, the following external components are typically required: 1. **Input Capacitor ($C_{in}$):** A $10\mu F$ tantalum or electrolytic capacitor is recommended if the regulator is located far from the power supply filter. 2. **Output Capacitor ($C_{out}$):** * **Crucial for Stability:** A minimum of $10\mu F$ is required. * **ESR Matters:** The Equivalent Series Resistance (ESR) should be between $0.1\Omega$ and $10\Omega$ to prevent oscillation. --- ### 4. Typical Use Cases * **SCSI-2 Active Termination:** The 2.85V output is specifically designed for high-speed SCSI bus termination. * **Post-regulators:** Used after switching power supplies to provide a clean, low-noise ripple for sensitive digital circuits. * **High-efficiency Linear Regulators:** Suitable for battery-powered equipment requiring up to 3A of current.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the LD1085D2T28-R and the adjustable version of the LD1085?
    • ⤷ How does the D2PAK package handle heat dissipation at a 3A load?
    • ⤷ Can I use ceramic capacitors for the output of this regulator?