Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • LD1580P2T-R

  • AI
    The **LD1580P2T-R** is a high-performance, ultra-low dropout (LDO) linear voltage regulator designed by STMicroelectronics. It is specifically engineered to provide a stable, high-current output for modern low-voltage digital circuits. --- ### ## Technical Specifications Below are the primary electrical characteristics of the LD1580P2T-R: | Parameter | Value / Range | | :--- | :--- | | **Output Current** | Up to 7.0 A | | **Input Voltage Range** | 3.0 V to 6.0 V | | **Dropout Voltage** | ~0.54 V @ 7A (Typical) | | **Output Voltage** | Adjustable (1.25 V to V_in - V_drop) | | **Package Type** | P2PAK (TO-263-5) | | **Operating Temperature** | -40°C to 125°C | --- ### ## Key Features * **High Current Capability:** Capable of delivering up to 7A, making it suitable for high-power processors and FPGAs. * **Ultra-Low Dropout:** Minimizes power dissipation and allows for efficient regulation even when the input voltage is very close to the output voltage. * **Fast Transient Response:** Designed to react quickly to sudden changes in load current, which is critical for digital processing units. * **Adjustable Output:** The output voltage is set via an external resistor divider, providing flexibility in circuit design. * **Protection Circuitry:** Includes internal current limiting and thermal shutdown to prevent device failure under fault conditions. --- ### ## Pinout Configuration The device usually comes in a 5-pin P2PAK. The standard pin assignments are: 1. **ADJ/GND:** Reference pin for setting output voltage. 2. **Vout:** Regulated output voltage. 3. **Vout (Tab):** Connected to the output (acts as a heatsink). 4. **Vin:** Input supply voltage. 5. **V_control:** Bias supply for the internal control circuitry (allows for lower dropout). --- ### ## Application Circuit Example To calculate the output voltage, the following formula is typically used: `Vout = Vref * (1 + R1 / R2)` where **Vref** is approximately 1.25V. ```cpp // Typical Component Values for 2.5V Output: // R1 = 1k Ohm // R2 = 1k Ohm // Vout = 1.25 * (1 + 1000 / 1000) = 2.5V ``` --- ### ## Common Applications * Microprocessor Power Supplies * Graphics Card Voltage Regulators * High-Efficiency Post Regulators for Switching Supplies * Low-Voltage/High-Current FPGA Power Rails
    ✨ Follow-up Questions
    • ⤷What is the difference between V_in and V_control pins in this IC?
    • ⤷ How do I calculate the heat sink size required for a 7A load?
    • ⤷ What are the recommended capacitor values for stability?