Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • LDK120M-R

  • AI
    The **LDK120M-R** is a high-performance, low-dropout (LDO) linear voltage regulator manufactured by STMicroelectronics. It is designed to provide a stable output voltage with very low power consumption and high precision. --- ### ## Technical Specifications Overview The following table highlights the primary electrical characteristics of the LDK120M-R: | Parameter | Value | | :--- | :--- | | **Input Voltage Range** | 1.9V to 5.5V | | **Output Voltage Type** | Fixed (Determined by the specific suffix) | | **Maximum Output Current** | 200 mA | | **Dropout Voltage** | Typ. 150 mV @ 200 mA | | **Quiescent Current (Iq)** | Typ. 35 µA (at full load) | | **Shutdown Current** | < 1 µA | | **PSRR (Rejection Ratio)** | 55 dB @ 1 kHz | | **Operating Temperature** | -40°C to +125°C | | **Package** | SOT-23-5L | --- ### ## Key Features and Protection The LDK120 series is engineered for efficiency in battery-powered devices. 1. **Low Dropout:** The extremely low dropout voltage allows the regulator to maintain its output voltage even when the input battery voltage drops very close to the target output. 2. **Enable Function:** Pin 3 (EN) allows the chip to be put into a logic-controlled shutdown mode, reducing power consumption to near zero. 3. **Internal Protection:** * **Thermal Shutdown:** Protects the device from overheating by shutting down if the junction temperature exceeds limits. * **Current Limit:** Protects the regulator and the source during a short-circuit condition on the output. 4. **Stability:** It is designed to be stable even with low-ESR ceramic capacitors (recommended 1 µF on both input and output). --- ### ## Pin Configuration (SOT-23-5L) The device uses a standard 5-pin layout commonly found in modern SMD electronics: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **IN** | Input Voltage | | 2 | **GND** | Ground | | 3 | **EN** | Enable Pin (Active High) | | 4 | **NC/ADJ** | Not Connected (Fixed version) or Adjust (ADJ version) | | 5 | **OUT** | Output Voltage | --- ### ## Typical Application Circuit To use the LDK120M-R effectively, minimal external components are required. ```markdown V_IN ----+-----------+ | | [C_in] [LDK120] 1.0uF 1: IN | 2: GND --- GND | 3: EN --- Logic Control | 4: NC | 5: OUT ---+--- V_OUT | | GND [C_out] 1.0uF | GND ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific output voltage variants available for the LDK120 series?
    • ⤷ How does the LDK120 compare to the LD39020 in terms of noise performance?
    • ⤷ What is the recommended layout practice to minimize thermal resistance for this SOT-23 package?