LEDFOG201BK12
AI

The **LEDFOG201BK12** typically refers to a high-performance 12V LED fog light assembly or conversion kit. These units are designed to replace traditional halogen fog lamps with solid-state lighting technology.
Below is an explanation of the core electronic components and technical specifications.
---
### 1. Core Electronic Components
| Component | Function |
| :--- | :--- |
| **SMD LED Chips** | The light source (Surface Mounted Device). Usually High-Power CREE or CSP chips that convert electricity into photons. |
| **Constant Current Driver** | A critical internal circuit that regulates current regardless of input voltage fluctuations (protects the LEDs from spikes). |
| **Heat Sink** | Often made of 6063 Aluminum; it dissipates thermal energy away from the PCB to prevent "thermal runaway." |
| **Bridge Rectifier** | Ensures "Non-Polarity" operation, allowing the light to function regardless of which way the plug is inserted. |
| **EMC/EMI Filter** | Reduces electromagnetic interference that could cause static on the vehicle's radio or affect ECU signals. |
---
### 2. Technical Specifications
Most units under this part number classification share these electrical characteristics:
* **Operating Voltage:** 12V DC (Standard automotive systems).
* **Power Consumption:** Significantly lower than halogen (typically 15W–30W per bulb).
* **Color Temperature:** 6000K (Cool White).
* **Ingress Protection:** IP67 or IP68 (Electronic components are sealed against water and dust).
* **Connector Type:** Usually plug-and-play compatible with factory harnesses (e.g., H11 or 9006 styles).
---
### 3. Comparison: LED vs. Halogen Electronics
| Feature | Halogen Fog Light | LED Fog Light (LEDFOG201BK12) |
| :--- | :--- | :--- |
| **Light Generation** | Incandescent Filament | Semiconductor Diode |
| **Efficiency** | ~20% (80% lost as heat) | ~80% (20% lost as heat) |
| **Lifespan** | 500 - 1,000 Hours | 30,000 - 50,000 Hours |
| **Circuitry** | Simple Resistive Load | Complex Active Driver |
| **Start-up Time** | Slow Warm-up | Instant-On (0.01s) |
---
### 4. Integration Logic
The electronics in these units are designed to be **CAN Bus Compatible**. Because LEDs draw less current than halogens, many modern vehicles' onboard computers might think a bulb is "blown" and trigger a dashboard error. The internal circuitry of the `BK12` series often includes integrated resistors to mimic the load profile of a standard bulb to prevent these errors.
- ⤷
Does this specific model require an external load resistor for CAN Bus vehicles?
- ⤷ What is the lumen output rating for the LEDFOG201BK12?
- ⤷ How does the thermal management system prevent the LED from overheating?