AI

## LF2020BNP-R193: Likely Identity
I can't verify this exact part number against a specific manufacturer's datasheet, so the following is an interpretation based on common component naming conventions. Confirm the details before using it in a design.
---
### Decoding the Part Number
| Segment | Likely Meaning |
|---|---|
| **LF** | Series or lead-free (RoHS-compliant) prefix, depending on the manufacturer |
| **2020** | Package size: about **2.0 mm × 2.0 mm** (metric code) |
| **BNP** | Manufacturer-specific series, construction, or tolerance code |
| **R193** | Inductance value, where "R" is the decimal point, so possibly **0.193 µH** |
---
### Probable Component Type
- **Type:** Surface-mount (SMD) power inductor, most likely a wirewound or multilayer chip inductor
- **Typical use:** DC-DC converter output filtering, power rail smoothing, and energy storage in switching regulators
- **Typical features:** Low DC resistance (DCR), a rated saturation current, and a rated temperature rise current
---
### Key Specifications to Check in the Datasheet
| Parameter | Why It Matters |
|---|---|
| Inductance (L) | Confirms the 0.193 µH interpretation and its tolerance |
| DC Resistance (DCR) | Affects efficiency and heating |
| Saturation Current (Isat) | Inductance drop threshold; must exceed peak current |
| Rated Current (Irms) | Temperature-rise limit for continuous operation |
| Self-Resonant Frequency (SRF) | Upper usable frequency limit |
| Operating Temperature Range | Reliability in your environment |
---
### How to Confirm the Part
1. Search the full part number on the manufacturer's website or a distributor site such as Digi-Key, Mouser, or LCSC.
2. Identify the manufacturer from the marking on the component or from your BOM or board schematic.
3. Download the datasheet and verify the inductance, current ratings, and footprint.
- ⤷Which manufacturer makes the LF2020 series inductors?
- ⤷ How do I calculate the required saturation current for a buck converter inductor?
- ⤷ What is the difference between wirewound and multilayer chip inductors?