Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • LMC1608TP-R15J

  • AI
    The **LMC1608TP-R15J** is a surface-mount (SMD) high-frequency chip inductor. It is commonly used in high-frequency circuits for signal processing and impedance matching. Below is a detailed breakdown of its specifications and electronic characteristics. --- ### 1. Key Technical Specifications Based on standard industry naming conventions (often associated with manufacturers like Taiyo Yuden or Walsin), the part number breaks down as follows: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 0.15 µH (150 nH) | | **Inductance Tolerance** | ±5% (indicated by the 'J' suffix) | | **Package Size** | 1608 (Metric) / 0603 (Imperial) | | **Dimensions** | 1.6mm x 0.8mm | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Material** | Multilayer Ceramic or Ferrite (depending on frequency grade) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying equivalent parts: * **LMC**: Series prefix (typically High-Frequency Multilayer Chip Inductor). * **1608**: Physical dimensions (1.6mm length, 0.8mm width). * **TP**: Packaging code (typically Tape and Reel). * **R15**: Nominal Inductance. "R" acts as a decimal point ($R15 = 0.15\mu H$). * **J**: Tolerance code ($J = \pm5\%$, $K = \pm10\%$, $M = \pm20\%$). --- ### 3. Electronic Performance Characteristics These components are designed for specific roles in RF (Radio Frequency) and high-speed digital circuits: #### A. High Q-Factor (Quality Factor) High-frequency inductors like this one are designed to have low resistive losses ($R_{DC}$) at high frequencies, ensuring signal integrity in filter circuits. #### B. Self-Resonant Frequency (SRF) Because this is a very small inductance (150nH), it has a high SRF. Beyond this frequency, the inductor begins to behave like a capacitor due to parasitic capacitance between the ceramic layers. #### C. Typical Applications * **RF Matching Networks:** Matching the impedance between an antenna and a transceiver. * **Low Pass/High Pass Filters:** Used in conjunction with capacitors to block or pass specific frequencies. * **Oscillators:** Part of the LC tank circuit that determines the frequency of oscillation. * **Decoupling:** Filtering high-frequency noise from power lines in mobile devices or GPS modules. --- ### 4. Handling and Soldering Since this is a **1608 (0603)** component, it requires precise placement: * **Soldering:** Compatible with lead-free reflow soldering profiles. * **Fragility:** Ceramic bodies are susceptible to "thermal shock" or "mechanical cracking" if the PCB is flexed excessively after assembly. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating (Imax) for this specific inductor size?
    • ⤷ How does the Q-factor of a ceramic inductor compare to a ferrite core inductor?
    • ⤷ What are the common alternatives if the LMC1608TP-R15J is out of stock?