LMH6321_07
AI

The **LMH6321** is a high-speed, unity-gain buffer designed by Texas Instruments. It is specifically engineered to drive heavy capacitive loads while maintaining high speed and stability. It is often used in applications requiring high output current and wide bandwidth.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the LMH6321:
| Parameter | Value |
| :--- | :--- |
| **Slew Rate** | 1800 V/µs |
| **Bandwidth (Small Signal)** | 110 MHz |
| **Continuous Output Current** | ±300 mA |
| **Supply Voltage Range** | 5V to ±15V (or 32V single supply) |
| **Quiescent Current** | 11 mA |
| **Output Resistance** | < 1 Ω (Closed loop) |
---
### 2. Core Features & Pin Functions
The LMH6321 features a unique architecture that combines high speed with thermal protection.
#### A. High Current Drive
The device is capable of delivering **±300mA** of continuous current. This makes it ideal for driving transmission lines, coaxial cables, and the capacitive inputs of high-speed Analog-to-Digital Converters (ADCs).
#### B. Adjustable Current Limit
The chip includes a pin that allows the user to set a custom current limit. By connecting an external resistor ($R_{CL}$) between the limit pin and the output, the designer can protect the buffer and the load from over-current conditions.
#### C. Thermal Shutdown
To prevent catastrophic failure due to excessive power dissipation (common in high-current buffers), the LMH6321 includes an internal thermal shutdown circuit that disables the output if the junction temperature exceeds safe limits (typically 150°C).
---
### 3. Typical Application Circuit
The LMH6321 is frequently used inside the feedback loop of an operational amplifier to increase output current capability without losing precision.
```python
# Conceptual Loop for LMH6321 (Buffer Mode)
# Vin ---> [ Op-Amp (+) ]
# |
# V
# [ LMH6321 Buffer ] ---> Vout (High Current)
# | |
# +---- Feedback ------+
```
---
### 4. Package Types
The `_07` suffix in your query likely refers to a specific batch or packing variation, but the physical IC is generally available in:
* **PSOP-8 (PowerPAD):** Includes an exposed thermal pad on the bottom to dissipate heat into the PCB.
* **TO-263 (DDPAK):** A larger surface-mount package for even higher power dissipation.
---
- ⤷How do you calculate the resistor value for the LMH6321 current limit?
- ⤷ What are the advantages of using the LMH6321 inside an op-amp feedback loop?
- ⤷ How does the LMH6321 handle capacitive load stability compared to standard buffers?