Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • LMS-A4W-R

  • AI
    The **LMS-A4W-R** is a high-performance linear motor stage typically manufactured by companies like **Akribis Systems**. It belongs to a series of modules designed for high precision, high acceleration, and long-travel applications. --- ### 1. Key Electronic & Electromechanical Components The functionality of the LMS-A4W-R relies on several integrated electronic parts that handle motion, feedback, and safety. | Component | Description | Function | | :--- | :--- | :--- | | **Linear Motor Coil** | Ironless or Iron-core (depending on specific sub-config) | Converts electrical energy into linear mechanical force. | | **Encoder Readhead** | Optical or Magnetic sensor | Reads the scale position to provide real-time feedback. | | **Linear Scale** | High-resolution tape or glass scale | Provides the physical reference for position tracking (often micron or sub-micron). | | **Hall Effect Sensors** | Magnetic sensors located near the coil | Used for commutation (determining the phase of the motor during startup). | | **Limit Switches** | End-of-travel sensors | Provides safety signals to the controller to prevent mechanical crashes. | | **Thermal Sensors** | NTC Thermistor or PT100 | Monitors the coil temperature to prevent overheating. | --- ### 2. Electrical Specifications While specific ratings can vary based on the winding configuration, the general electrical characteristics of the LMS series are as follows: - **Bus Voltage:** Generally supports up to **300VDC** or **600VDC** depending on the drive used. - **Feedback Interface:** Typically uses **1Vpp Sin/Cos** or **Digital RS422 (A-quad-B)** signals. - **Commutation:** Digital Hall signals (U, V, W phases). - **Wiring Connection:** Usually involves high-flex cabling designed for continuous motion. --- ### 3. Wiring and Pinout Categories The electronics are typically divided into two main cable sets: #### A. Power Cable Contains the high-voltage lines for the motor phases: - **Phase U, V, W:** The primary power drive. - **PE (Protective Earth):** Vital for grounding the moving carriage. #### B. Feedback/Signal Cable Contains the low-voltage logic signals: - **Encoder Power:** Usually +5V DC. - **A/B/Index Channels:** Position data. - **Hall Signals:** Phase alignment. - **Limit/Home Signals:** Travel boundaries. - **Temp Sensor:** Thermal protection loop. --- ### 4. System Integration Example ```mermaid graph LR A[Motion Controller] --> B[Servo Drive] B --> C{LMS-A4W-R} C -->|Feedback/Encoder| B C -->|Limit Signals| A C -->|Hall Signals| B ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the maximum acceleration and velocity ratings for the LMS-A4W-R?
    • ⤷ Which servo drives are most compatible with Akribis LMS series stages?
    • ⤷ How do you calibrate the encoder readhead on this specific linear stage?