Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • LMV331G-AL5-R

  • AI
    ## Overview of the LMV331G-AL5-R The **LMV331G-AL5-R** is a low-voltage, single-channel general-purpose comparator. It is widely used in mobile devices and battery-powered systems because of its small footprint and low power consumption. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the LMV331G-AL5-R: | Parameter | Specification | | :--- | :--- | | **Supply Voltage (Vcc)** | 2.7V to 5.0V | | **Supply Current** | ~40µA to 100µA (Low Power) | | **Output Type** | Open Collector | | **Response Time** | ~200 ns (Propagation Delay) | | **Input Offset Voltage** | 1mV to 7mV (Typical) | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | SOT-25 / SOT-353 (AL5 Designation) | --- ### 2. Functional Description #### Internal Architecture The LMV331 is essentially a cost-effective, low-voltage version of the industry-standard **LM331**. It consists of a high-gain differential amplifier that compares two input voltages ($V_{in+}$ and $V_{in-}$). #### Open Collector Output The "G" in the part number often signifies a Green (Halogen-free) product with an **Open Collector** output stage. * **Requirement:** It requires an external **pull-up resistor** to function correctly. * **Benefit:** This allows the output to interface with different logic levels (e.g., 3.3V or 5V) regardless of the comparator's supply voltage. --- ### 3. Pin Configuration (SOT-25) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | IN+ | Non-inverting Input | | 2 | GND | Ground | | 3 | IN- | Inverting Input | | 4 | OUT | Open Collector Output | | 5 | Vcc | Positive Supply Voltage | --- ### 4. Application Examples The LMV331G-AL5-R is commonly found in circuits requiring simple decision-making logic: * **Zero-Crossing Detectors:** Detecting when an AC signal passes through 0V. * **Battery Level Monitors:** Triggering an alert when voltage drops below a threshold. * **Window Comparators:** Checking if a signal stays within a specific voltage range. * **Clock Signal Recovery:** Squaring up distorted waveforms. --- ### 5. Part Number Breakdown (UTC - Unisonic Technologies) | Code | Meaning | | :--- | :--- | | **LMV331** | Base Part Number (Low Voltage Comparator) | | **G** | Halogen-Free / Green | | **AL5** | SOT-25 Package Type | | **R** | Tape & Reel Packaging |
    ✨ Follow-up Questions
    • ⤷ What is the recommended value for the pull-up resistor on the output pin?
    • ⤷ How does the LMV331 differ from the LMV339 or LMV393?
    • ⤷ Can the LMV331 operate at a supply voltage higher than 5V?