Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • LP2950C

  • AI
    ## Overview of the LP2950C The **LP2950C** is a popular low-power, low-dropout (LDO) voltage regulator. It is specifically designed to maintain a stable output voltage even when the input voltage is only slightly higher than the desired output. It is frequently used in battery-powered applications due to its extremely low quiescent current. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic characteristics of the LP2950C: | Parameter | Specification (Typical) | | :--- | :--- | | **Output Voltage ($V_{out}$)** | 3.0V, 3.3V, or 5.0V (Fixed versions) | | **Max Output Current** | 100 mA | | **Input Voltage Range** | Up to 30V | | **Dropout Voltage** | 40mV (at light loads) / 380mV (at 100mA) | | **Quiescent Current** | 75 $\mu$A | | **Regulation Tolerance** | ±0.5% (A Grade) / ±1% (C Grade) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Physical Packaging and Pinout The LP2950C is most commonly found in the **TO-92** plastic package, which looks like a standard small transistor. #### Pin Configuration: 1. **Output ($V_{out}$):** The regulated stable voltage. 2. **Ground (GND):** The common reference point. 3. **Input ($V_{in}$):** The unregulated supply voltage. --- ### 3. Core Electronic Features * **Low Dropout Voltage:** Unlike standard regulators (like the 7805) which require ~2V of "headroom," the LP2950C can regulate a 5V output with an input as low as 5.4V. * **Low Quiescent Current:** It draws very little power for its own internal circuitry, significantly extending battery life in standby mode. * **Tight Regulation:** It features extremely low temperature coefficient, making it suitable for use as a voltage reference. * **Protection Circuits:** It includes internal current limiting and thermal shutdown protection to prevent damage during a short circuit or overheating. --- ### 4. Basic Application Circuit To ensure stability and reduce noise, external capacitors are required. The output capacitor is particularly critical for LDO stability. ```text Input (Vin) ----[ ]---- Pin 3 (IN) Pin 1 (OUT) ----[ ]---- Output (Vout) | | C_in (1uF) C_out (2.2uF to 10uF) | | GND -------------|----------- Pin 2 (GND) -------------|----- GND ``` **Note on Capacitance:** * **$C_{in}$:** Required if the regulator is located far from the power supply filter. * **$C_{out}$:** Must be at least 1.0 $\mu$F. The **ESR (Equivalent Series Resistance)** of this capacitor must be within a specific range (usually 0.1$\Omega$ to 5$\Omega$) to prevent oscillation. --- ### 5. Common Use Cases * **Battery-Powered Systems:** Remote sensors, handheld meters. * **Linear Regulators for Digital Controllers:** Powering microcontrollers (MCUs) from a higher voltage battery. * **Voltage Reference:** Used in Analog-to-Digital conversion where a stable reference is needed.
    ✨ Follow-up Questions
    • What is the difference between the LP2950 and the LP2951?
    • How do I calculate the power dissipation for this regulator?
    • Can I use a Ceramic capacitor for the output of the LP2950C?