Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • LPD-21MC-R

  • AI
    The **LPD-21MC-R** is a high-performance **Broadband 2-Way Power Divider** (also known as a Power Splitter) manufactured by **LPD (Low Pass Design)** or similar microwave component specialists. It is designed to split an input signal into two output signals with minimal loss and high isolation. --- ### 1. Key Technical Specifications The "21" in the model name often refers to its frequency capability (up to 21 GHz). Below are the typical electronic characteristics for this part: | Parameter | Typical Value | | :--- | :--- | | **Frequency Range** | 2.0 GHz to 21.0 GHz | | **Insertion Loss** | ≤ 1.2 dB (above 3dB theoretical) | | **Isolation** | ≥ 18 dB | | **Amplitude Balance** | ± 0.3 dB | | **Phase Balance** | ± 4° | | **VSWR (Input/Output)** | 1.40:1 / 1.30:1 | | **Power Handling** | 20W (Forward) / 1W (Reverse) | | **Impedance** | 50 Ohms | --- ### 2. Internal Electronic Design The LPD-21MC-R is based on **Microstrip** or **Stripline** technology using a **Wilkinson Power Divider** topology. * **Resistive Network:** It contains an internal isolation resistor (usually 100 Ohms in a standard 2-way split) that dissipates reflected energy, ensuring that Port 1 and Port 2 do not interfere with each other. * **Quarter-Wave Transformers:** The internal traces are etched to specific lengths (quarter-wavelengths) to match the 50-ohm impedance across the ultra-wideband frequency range. * **Connectors:** It typically utilizes **SMA-Female** stainless steel connectors to maintain signal integrity at frequencies up to 21 GHz. --- ### 3. Application Use Cases Electronic engineers use the LPD-21MC-R in the following scenarios: 1. **Electronic Warfare (EW):** Splitting a wideband signal to multiple receivers for threat detection. 2. **Test & Measurement:** Distributing a clock or reference signal from a signal generator to two different devices under test (DUT). 3. **Radar Systems:** Feed networks for phased array antennas operating in the X, Ku, and K bands. 4. **Satellite Communications (SATCOM):** Signal distribution in ground station uplink/downlink hardware. --- ### 4. Physical Configuration The "-R" suffix often denotes **RoHS Compliance**, ensuring the materials used (solder, plating) are lead-free. The "MC" usually refers to a **Compact/Miniature Case** design, which is ruggedized with aluminum housing and chemically filmed for corrosion resistance.
    ✨ Follow-up Questions
    • ⤷What is the difference between a reactive and a resistive power divider for this frequency range?
    • ⤷ How does VSWR affect the signal integrity in the LPD-21MC-R?
    • ⤷ Can this part be used as a power combiner instead of a splitter?