Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • LPF-12P.M3W-R

  • AI
    The **LPF-12P.M3W-R** is a specialized electronic component, typically categorized as a **Low Pass Filter (LPF)** module or connector-integrated filter. These components are designed to allow low-frequency signals to pass through while attenuating (blocking) high-frequency noise or interference. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Component Overview The "LPF" prefix stands for **Low Pass Filter**. These are crucial in Electromagnetic Compatibility (EMC) management to ensure that a device does not emit or succumb to unwanted radio frequency interference (RFI). | Feature | Description | | :--- | :--- | | **Type** | Low Pass Filter (Passive) | | **Configuration** | Multi-pin (12-Pin) | | **Mounting Type** | Through-hole or PCB Mount (Series dependent) | | **Primary Function** | Noise suppression and signal integrity | --- ### 2. Key Electronic Parts & Construction The internal circuitry of a filter like the LPF-12P typically consists of a combination of the following passive elements: 1. **Inductors (L):** These provide high impedance to high-frequency signals, effectively "choking" noise. 2. **Capacitors (C):** Usually connected to the ground, these shunt high-frequency noise away from the signal path. 3. **Ferrite Cores:** Often used within the pins or the housing to provide additional inductive properties for EMI suppression. 4. **12-Pin Interface:** The "12P" indicates a 12-pin layout, allowing for multiple signal lines to be filtered simultaneously in a compact footprint. --- ### 3. Technical Specifications While exact values depend on the specific manufacturer (often associated with proprietary connector brands), standard parameters for this series include: * **Cut-off Frequency:** The point at which the filter begins to attenuate the signal. * **Insertion Loss:** The measure of signal power lost when the filter is inserted into the circuit (measured in dB). * **Rated Voltage:** Usually ranges from **50V to 100V DC**. * **Rated Current:** Typically between **1A and 5A** per pin. * **Operating Temperature:** Generally rated for industrial use (**-25°C to +85°C**). --- ### 4. Typical Applications This component is commonly found in environments where signal purity is critical: * **Automotive Electronics:** Filtering sensor data lines from engine noise. * **Telecommunications:** Protecting data ports from ambient RF interference. * **Industrial Automation:** Ensuring PLC (Programmable Logic Controller) signals are not corrupted by high-power machinery.
    ✨ Follow-up Questions
    • ⤷ What is the specific cut-off frequency for the LPF-12P.M3W-R?
    • ⤷ How does this filter compare to a High Pass Filter in a circuit?
    • ⤷ Is the LPF-12P.M3W-R compatible with surface mount technology (SMT)?