Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • LPF-14P.M3W-R

  • AI
    The **LPF-14P.M3W-R** is a specialized electronic component, typically categorized as a **Low Pass Filter (LPF)**, often used in radio frequency (RF) and microwave applications. Based on the part numbering convention, this is likely a surface-mount device (SMD) designed for high-frequency signal conditioning. --- ### 1. Component Overview A Low Pass Filter is designed to allow signals with a frequency lower than a certain **cutoff frequency** to pass through while attenuating (reducing) signals with frequencies higher than that cutoff. | Feature | Description | | :--- | :--- | | **Component Type** | Passive RF Low Pass Filter | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Common Application** | Harmonic rejection, EMI suppression, Transceiver front-ends | | **Construction** | Multilayer Ceramic (LTCC) or LC lumped element | --- ### 2. Breakdown of the Part Number While specific manufacturer datasheets may vary slightly, the nomenclature usually follows this logic: * **LPF**: Functional designation (Low Pass Filter). * **14P**: Often refers to the physical package size (e.g., 1.6mm x 0.8mm or specific pin count/pitch). * **M3W**: Typically a code for the **Cutoff Frequency** and impedance characteristics. * **R**: Indicates "RoHS Compliant" or "Tape & Reel" packaging. --- ### 3. Electrical Characteristics In an electronic circuit, the LPF-14P.M3W-R performs the following functions: 1. **Insertion Loss**: It aims to have minimal signal loss (usually < 1dB) in the "Pass Band." 2. **Stop Band Attenuation**: It provides high resistance/rejection to high-frequency noise or harmonics that could interfere with other circuits. 3. **Impedance Matching**: Usually designed for **50 Ohms**, ensuring that the signal does not reflect back to the source (minimizing VSWR). --- ### 4. Typical Application Circuit When integrating this part into a PCB, it is placed between an RF source (like a Power Amplifier) and the output (like an Antenna). ```mermaid [ RF Source/IC ] ----> [ LPF-14P.M3W-R ] ----> [ Antenna/Load ] | (Ground) ``` ### 5. Technical Considerations * **Thermal Management**: Ensure the solder pads are correctly sized to prevent overheating during high-power RF transmission. * **Grounding**: For filters of this type, a solid ground plane connection is critical. Poor grounding will result in poor "out-of-band" rejection. * **Orientation**: Ensure the input and output ports are matched according to the datasheet pinout to avoid phase shifts or loss. ---
    ✨ Follow-up Questions
    • ⤷What is the specific cutoff frequency for the M3W variant?
    • ⤷ Can this part be used in 5G or Wi-Fi 6 applications?
    • ⤷ What are the physical dimensions of the 14P package?