Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • LS5259

  • AI
    The **LS5259** is a high-performance **N-Channel Monolithic Dual JFET** (Junction Field Effect Transistor) manufactured by Linear Systems. It is specifically designed for high-end audio and precision instrumentation applications where low noise and tight matching are critical. --- ### 1. Key Technical Specifications The LS5259 is characterized by its dual-die construction, ensuring that both transistors within the package behave almost identically under temperature changes. | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Gate-Source Breakdown Voltage** | $V_{GS(br)}$ | -30 (Min) | V | | **Gate-Source Cutoff Voltage** | $V_{GS(off)}$ | -0.5 to -4.0 | V | | **Saturation Drain Current** | $I_{DSS}$ | 5.0 to 20 | mA | | **Common-Source Forward Transconductance** | $g_{fs}$ | 1000 (Min) | $\mu S$ | | **Input Capacitance** | $C_{iss}$ | 5.0 (Max) | pF | --- ### 2. Major Features * **Monolithic Construction:** Both JFETs are fabricated on the same silicon substrate, resulting in excellent thermal tracking and parameter matching. * **Ultra-Low Noise:** Designed to minimize 1/f noise, making it suitable for low-level signal amplification. * **High Input Impedance:** As a JFET, it offers extremely high input impedance, which prevents loading of delicate signal sources. * **Low Leakage:** It maintains very low gate leakage current ($I_{GSS}$), typically in the picoampere range. --- ### 3. Pinout and Internal Structure The LS5259 typically comes in a **TO-71** or **SOIC-8** package. Because it is a dual JFET, the pinout follows a symmetrical pattern: ```text Top View (TO-71) [ 1 ] Source 1 [ 6 ] [ 2 ] Gate 1 Drain 2 Drain 1 [ 5 ] [ 3 ] Gate 2 [ 4 ] Source 2 ``` --- ### 4. Common Applications Due to its precision characteristics, the LS5259 is used in: 1. **Differential Amplifiers:** Used as the input stage for high-fidelity audio preamplifiers. 2. **Instrumentation Amps:** Used where high CMRR (Common Mode Rejection Ratio) is required. 3. **Buffer Amplifiers:** Providing a high-impedance interface for sensors or transducers. 4. **Operational Amplifier Inputs:** Often used as discrete front-ends to improve the performance of standard IC op-amps.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the LS5259 and the LS844 dual JFET?
    • ⤷ In what specific audio circuits is a dual JFET preferred over two single JFETs?
    • ⤷ How does the gate-source cutoff voltage affect the biasing of the LS5259?