AI

The **LSMH-2012-R10K-B** is a surface-mount (SMD) **Wire-Wound Chip Inductor**. It is part of a series designed for high-frequency circuits and power management where small size and high reliability are required.
Below is a detailed breakdown of its electronic characteristics and nomenclature.
---
## 1. Specifications and Key Parameters
The part number encodes several critical electrical and physical properties:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.10 µH (100 nH) | "R10" indicates the decimal point: R10 = 0.10. |
| **Tolerance** | ±10% | "K" denotes the tolerance grade. |
| **Package Size** | 2012 (Metric) / 0805 (Imperial) | Dimensions are approx. 2.0 x 1.25 mm. |
| **Construction** | Wire-Wound | Provides higher Q-factors and higher current ratings. |
| **Core Material** | Ferrite or Ceramic | Typically ferrite for higher inductance/current density. |
---
## 2. Part Number Breakdown
Understanding the alphanumeric code helps in identifying the component's role in a circuit:
1. **LSMH**: Series prefix (Low-profile/Standard Multilayer or High-frequency Wire-wound Inductor).
2. **2012**: Dimensions (Length 2.0mm, Width 1.25mm).
3. **R10**: Inductance value (R = decimal point; 10 = 10; thus 0.10 µH).
4. **K**: Tolerance code (K = ±10%, J = ±5%, M = ±20%).
5. **B**: Packaging code (Often refers to Bulk or a specific reel type).
---
## 3. Typical Electrical Performance
While exact values vary by manufacturer (such as ABC Taiwan or various Chinese manufacturers), a 2012-sized R10K inductor generally follows these ranges:
* **Rated Current (Idc):** Usually between **400mA to 800mA**, depending on the wire gauge used.
* **DC Resistance (DCR):** Low resistance, typically in the range of **0.15Ω to 0.40Ω**.
* **Self-Resonant Frequency (SRF):** Very high, often exceeding **400 MHz to 600 MHz**, making it suitable for RF applications.
---
## 4. Common Applications
Due to its wire-wound construction and specific inductance value, this component is frequently used in:
* **DC-DC Converters:** For voltage regulation in mobile devices.
* **RF Matching Circuits:** Used in smartphones, Bluetooth modules, and WLAN cards.
* **EMI Suppression:** Filtering high-frequency noise from signal lines.
* **Power Supplies:** Small-scale power circuits where space is limited but current requirements are moderate.
---
## 5. Comparison: Wire-Wound vs. Multilayer
| Feature | Wire-Wound (LSMH) | Multilayer |
| :--- | :--- | :--- |
| **Q-Factor** | Higher (Better efficiency) | Lower |
| **Current Capacity** | Higher | Lower |
| **DCR** | Lower | Higher |
| **Cost** | Slightly Higher | Lower |
- ⤷
What is the difference between R10 and 100 codes in inductor marking?
- ⤷ How does the 'K' tolerance affect circuit performance in RF applications?
- ⤷ What are the soldering profile requirements for a 2012 SMD package?