Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • LSML-201209-R12K-B

  • AI
    The **LSML-201209-R12K-B** is a surface-mount (SMD) multilayer chip inductor. These components are primarily used for high-frequency filtering and impedance matching in compact electronic circuits. Below is the detailed breakdown of its electronic specifications and characteristics. --- ### 1. Part Number Deciphering Understanding the alphanumeric code provides the core specifications of the component: | Code Segment | Meaning | Details | | :--- | :--- | :--- | | **LSML** | Series Name | Multilayer Ferrite Chip Inductor (Low Profile/Standard) | | **2012** | Case Size (Metric) | 2.0mm x 1.25mm (Equivalent to **0805** in Imperial) | | **09** | Thickness | Approximately 0.9mm | | **R12** | Inductance Value | **0.12 µH** (R denotes decimal point) | | **K** | Tolerance | **±10%** | | **B** | Packaging/Special | Typically indicates Bulk or specific Tape & Reel type | --- ### 2. Key Electrical Characteristics While specific datasheets may vary slightly by manufacturer (such as Sunlord or Taiyo Yuden), the standard parameters for an R12K inductor in this class are: * **Inductance:** 0.12 µH (120 nH) * **Tolerance:** ±10% * **Self-Resonant Frequency (SRF):** Usually high, often >400 MHz, allowing it to function at high frequencies without becoming capacitive. * **DC Resistance (DCR):** Relatively low (typically <0.50 Ω), which minimizes power loss and heat generation. * **Rated Current:** Typically between 150mA to 300mA depending on the specific material grade. --- ### 3. Physical Construction The "Multilayer" aspect is crucial for its performance: 1. **Material:** Ferrite paste and internal silver (Ag) conductors are layered and fired into a monolithic structure. 2. **Shielding:** Due to the closed magnetic circuit of the multilayer structure, these parts offer **excellent magnetic shielding**, reducing EMI (Electromagnetic Interference) and crosstalk between components. 3. **Termination:** Features solderable end-electrodes (usually Ni/Sn plated) for reflow soldering. --- ### 4. Common Applications This specific inductor size and value are commonly found in: * **Mobile Devices:** Smart phones, tablets, and wearables where space is limited. * **RF Circuits:** Used for matching circuits in Wi-Fi or Bluetooth modules. * **Filtering:** Decoupling high-frequency noise from DC power lines to sensitive ICs. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a multilayer ferrite inductor and a wire-wound inductor?
    • ⤷ How does the 'Q factor' affect the performance of this 0.12 uH inductor?
    • ⤷ Can this component be used in high-power switching regulators?